Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC3355 Datasheet(PDF) 5 Page - Inchange Semiconductor Company Limited

No. de pieza 2SC3355
Descripción Electrónicos  isc Silicon NPN RF Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ISC [Inchange Semiconductor Company Limited]
Página de inicio  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC3355 Datasheet(HTML) 5 Page - Inchange Semiconductor Company Limited

  2SC3355 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC3355 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC3355 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC3355 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC3355 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC3355 Datasheet HTML 6Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
2SC3355
VCE = 10 V, IC = 40 mA, ZO = 50Ω
f (MHz)
︱S11
∠S11
︱S21
∠S21
︱S12
∠S12
︱S22
∠S22
200
0.011
-60.1
13.76
105.4
0.040
-73.3
0.421
-17.5
400
0.028
-42.9
7.338
82.9
0.069
66.7
0.416
-22.8
600
0.027
25.1
4.996
72.7
0.114
69.4
0.414
-28.7
800
0.043
65.7
3.801
61.9
0.144
67.8
0.406
-35.7
1000
0.074
75.1
3.134
57.6
0.183
63.4
0.386
-41.8
1200
0.098
75.6
2.759
52.4
0.221
62.1
0.373
-49.8
1400
0.120
74.1
2.351
44.4
0.247
55.7
0.356
-56.3
1600
0.146
75.8
2.203
36.0
0.291
49.6
0.347
-66.6
1800
0.171
77.2
1.910
29.9
0.299
46.0
0.342
-78.8
2000
0.205
78.0
1.825
21.3
0.344
39.4
0.335
-89.6
isc Website:www.iscsemi.cn


Número de pieza similar - 2SC3355

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
2SC3355 NEC-2SC3355 Datasheet
102Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SC3355 UTC-2SC3355 Datasheet
107Kb / 3P
   HIGH FREQUENCY LOW NOISE AMPLIFIER
2SC3355 UTC-2SC3355 Datasheet
82Kb / 2P
   HIGH FREQUENCY LOW NOISE AMPLIFIER
logo
Renesas Technology Corp
2SC3355 RENESAS-2SC3355 Datasheet
248Kb / 10P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
2SC3355 RENESAS-2SC3355 Datasheet
293Kb / 10P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
More results

Descripción similar - 2SC3355

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
2SC2351 ISC-2SC2351 Datasheet
109Kb / 3P
   isc Silicon NPN RF Transistor
BFS67 ISC-BFS67 Datasheet
87Kb / 3P
   isc Silicon NPN RF Transistor
2SC2734 ISC-2SC2734 Datasheet
138Kb / 4P
   isc Silicon NPN RF Transistor
2SC4260 ISC-2SC4260 Datasheet
152Kb / 6P
   isc Silicon NPN RF Transistor
BFS520 ISC-BFS520 Datasheet
195Kb / 7P
   isc Silicon NPN RF Transistor
BFR93AW ISC-BFR93AW Datasheet
211Kb / 7P
   isc Silicon NPN RF Transistor
2SC2570A ISC-2SC2570A Datasheet
248Kb / 5P
   isc Silicon NPN RF Transistor
2SC2735 ISC-2SC2735 Datasheet
144Kb / 4P
   isc Silicon NPN RF Transistor
2SC4250 ISC-2SC4250 Datasheet
198Kb / 4P
   isc Silicon NPN RF Transistor
2SC4265 ISC-2SC4265 Datasheet
141Kb / 4P
   isc Silicon NPN RF Transistor
BFR520 ISC-BFR520 Datasheet
197Kb / 7P
   isc Silicon NPN RF Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com