Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BPW77N Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza BPW77N
Descripción Electrónicos  Silicon NPN Phototransistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BPW77N Datasheet(HTML) 2 Page - Vishay Siliconix

  BPW77N Datasheet HTML 1Page - Vishay Siliconix BPW77N Datasheet HTML 2Page - Vishay Siliconix BPW77N Datasheet HTML 3Page - Vishay Siliconix BPW77N Datasheet HTML 4Page - Vishay Siliconix BPW77N Datasheet HTML 5Page - Vishay Siliconix BPW77N Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BPW77N
Vishay Telefunken
2 (6)
Rev. 2, 20-May-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 81527
Basic Characteristics
Tamb = 25_C
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Collector Emitter Breakdown
Voltage
IC = 1 mA
V(BR)CE
O
70
V
Collector Dark Current
VCE = 20 V, E = 0
ICEO
1
100
nA
Collector Emitter Capacitance
VCE = 5 V, f = 1 MHz, E = 0
CCEO
6
pF
Angle of Half Sensitivity
ϕ
±10
deg
Wavelength of Peak Sensitivity
lp
850
nm
Range of Spectral Bandwidth
l0.5
620...980
nm
Collector Emitter Saturation
Voltage
Ee = 1 mW/cm2,
l = 950 nm, IC = 1 mA
VCEsat
0.15
0.3
V
Turn–On Time
VS = 5 V, IC = 5 mA,
RL = 100 W
ton
6
ms
Turn–Off Time
VS = 5 V, IC = 5 mA,
RL = 100 W
toff
5
ms
Cut–Off Frequency
VS = 5 V, IC = 5 mA,
RL = 100 W
fc
110
kHz
Type Dedicated Characteristics
Tamb = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Collector Light Current Ee=1mW/cm2,
BPW77NA
Ica
7.5
10
15
mA
g
e
l=950nm, VCE=5V
BPW77NB
Ica
10
20
mA
Typical Characteristics (Tamb = 25_C unless otherwise specified)
0
25
50
75
100
0
200
400
800
150
94 8342
600
125
Tamb – Ambient Temperature ( °C )
RthJC
RthJA
Figure 1. Total Power Dissipation vs.
Ambient Temperature
94 8343
20
Tamb – Ambient Temperature ( °C )
100
101
102
103
104
106
105
150
50
100
VCE=20V
E=0
Figure 2. Collector Dark Current vs. Ambient Temperature


Número de pieza similar - BPW77N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
BPW77NA VISHAY-BPW77NA Datasheet
148Kb / 5P
   Silicon NPN Phototransistor
Rev. 1.5, 08-Sep-08
BPW77NA VISHAY-BPW77NA Datasheet
140Kb / 5P
   Silicon NPN Phototransistor, RoHS Compliant
01-Jan-2022
BPW77NA VISHAY-BPW77NA Datasheet
141Kb / 5P
   Silicon NPN Phototransistor, RoHS Compliant
01-Jan-2023
BPW77NA VISHAY-BPW77NA_08 Datasheet
148Kb / 5P
   Silicon NPN Phototransistor
Rev. 1.5, 08-Sep-08
BPW77NA VISHAY-BPW77NA_V01 Datasheet
140Kb / 5P
   Silicon NPN Phototransistor, RoHS Compliant
01-Jan-2022
More results

Descripción similar - BPW77N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
PN108CL PANASONIC-PN108CL Datasheet
63Kb / 3P
   Silicon NPN Phototransistor
PNZ163NC PANASONIC-PNZ163NC Datasheet
323Kb / 3P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
   Silicon NPN Phototransistor
Rev. 1, 24-May-02
logo
Panasonic Semiconductor
PNZ1270 PANASONIC-PNZ1270 Datasheet
45Kb / 2P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
S350P VISHAY-S350P Datasheet
75Kb / 5P
   Silicon NPN Phototransistor
Rev. 2, 20-May-99
TEMT1000 VISHAY-TEMT1000 Datasheet
79Kb / 5P
   Silicon NPN Phototransistor
Rev. 4, 17-Feb-00
logo
Panasonic Semiconductor
PNZ121S PANASONIC-PNZ121S Datasheet
44Kb / 2P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
BPW85 VISHAY-BPW85_14 Datasheet
105Kb / 6P
   Silicon NPN Phototransistor
Rev. 2.1, 04-Aug-14
T1070P VISHAY-T1070P_14 Datasheet
90Kb / 4P
   Silicon NPN Phototransistor
Rev. 1.7, 29-Sep-14
T1090P6 VISHAY-T1090P6 Datasheet
135Kb / 5P
   Silicon NPN Phototransistor
Rev. 1.0, 26-Sep-14
BPW17N VISHAY-BPW17N_08 Datasheet
91Kb / 5P
   Silicon NPN Phototransistor,
Rev. 1.7, 08-Sep-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com