Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BPW85 Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza BPW85
Descripción Electrónicos  Silicon NPN Phototransistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BPW85 Datasheet(HTML) 2 Page - Vishay Siliconix

  BPW85 Datasheet HTML 1Page - Vishay Siliconix BPW85 Datasheet HTML 2Page - Vishay Siliconix BPW85 Datasheet HTML 3Page - Vishay Siliconix BPW85 Datasheet HTML 4Page - Vishay Siliconix BPW85 Datasheet HTML 5Page - Vishay Siliconix BPW85 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BPW85
Vishay Telefunken
2 (6)
Rev. 3, 16-Nov-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 81531
Basic Characteristics
Tamb = 25_C
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Collector Emitter Breakdown
Voltage
IC = 1 mA
V(BR)CE
O
70
V
Collector Dark Current
VCE = 20 V, E = 0
ICEO
1
200
nA
Collector Emitter Capacitance
VCE = 5 V, f = 1 MHz, E = 0
CCEO
3
pF
Angle of Half Sensitivity
ϕ
±25
deg
Wavelength of Peak Sensitivity
lp
850
nm
Range of Spectral Bandwidth
l0.5
620...980
nm
Collector Emitter Saturation
Voltage
Ee = 1 mW/cm2,
l = 950 nm, IC = 0.1 mA
VCEsat
0.3
V
Turn–On Time
VS = 5 V, IC = 5 mA,
RL = 100 W
ton
2.0
ms
Turn–Off Time
VS = 5 V, IC = 5 mA,
RL = 100 W
toff
2.3
ms
Cut–Off Frequency
VS = 5 V, IC = 5 mA,
RL = 100 W
fc
180
kHz
Type Dedicated Characteristics
Tamb = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Collector Light Current Ee=1mW/cm2,
BPW85A
Ica
0.8
1.5
2.5
mA
g
e
l=950nm, VCE=5V
BPW85B
Ica
1.5
2.5
4.0
mA
BPW85C
Ica
3.0
5.0
8.0
mA
Typical Characteristics (Tamb = 25_C unless otherwise specified)
020
4060
80
0
25
50
75
100
125
Tamb – Ambient Temperature ( °C )
100
94 8308
RthJA
Figure 1. Total Power Dissipation vs. Ambient Temperature
94 8304
20
100
40
60
80
Tamb – Ambient Temperature ( °C )
100
101
102
103
104
VCE=20V
Figure 2. Collector Dark Current vs. Ambient Temperature


Número de pieza similar - BPW85

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
BPW85 VISHAY-BPW85 Datasheet
105Kb / 6P
   Silicon NPN Phototransistor
Rev. 2.1, 04-Aug-14
BPW85 VISHAY-BPW85 Datasheet
102Kb / 6P
   Silicon NPN Phototransistors
01-Jan-2022
BPW85 VISHAY-BPW85 Datasheet
102Kb / 6P
   Silicon NPN Phototransistor
01-Jan-2023
BPW85A VISHAY-BPW85A Datasheet
112Kb / 6P
   Silicon NPN Phototransistor
Rev. 1.8, 05-Sep-08
BPW85A VISHAY-BPW85A Datasheet
105Kb / 6P
   Silicon NPN Phototransistor
Rev. 2.1, 04-Aug-14
More results

Descripción similar - BPW85

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
PN108CL PANASONIC-PN108CL Datasheet
63Kb / 3P
   Silicon NPN Phototransistor
PNZ163NC PANASONIC-PNZ163NC Datasheet
323Kb / 3P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
   Silicon NPN Phototransistor
Rev. 1, 24-May-02
logo
Panasonic Semiconductor
PNZ1270 PANASONIC-PNZ1270 Datasheet
45Kb / 2P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
S350P VISHAY-S350P Datasheet
75Kb / 5P
   Silicon NPN Phototransistor
Rev. 2, 20-May-99
TEMT1000 VISHAY-TEMT1000 Datasheet
79Kb / 5P
   Silicon NPN Phototransistor
Rev. 4, 17-Feb-00
logo
Panasonic Semiconductor
PNZ121S PANASONIC-PNZ121S Datasheet
44Kb / 2P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
BPW85 VISHAY-BPW85_14 Datasheet
105Kb / 6P
   Silicon NPN Phototransistor
Rev. 2.1, 04-Aug-14
T1070P VISHAY-T1070P_14 Datasheet
90Kb / 4P
   Silicon NPN Phototransistor
Rev. 1.7, 29-Sep-14
T1090P6 VISHAY-T1090P6 Datasheet
135Kb / 5P
   Silicon NPN Phototransistor
Rev. 1.0, 26-Sep-14
BPW17N VISHAY-BPW17N_08 Datasheet
91Kb / 5P
   Silicon NPN Phototransistor,
Rev. 1.7, 08-Sep-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com