Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BDT88F Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

No. de pieza BDT88F
Descripción Electrónicos  isc Silicon PNP Power Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ISC [Inchange Semiconductor Company Limited]
Página de inicio  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDT88F Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BDT88F Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDT88F Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistors
BDT82F/84F/86F/88F
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BDT82F
-60
BDT84F
-80
BDT86F
-100
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
BDT88F
IC= -30mA; IB= 0
-120
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= -5A; IB= -0.5A
B
-1.0
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= -7A; IB= -0.7A
B
-1.6
V
VBE(on)
Base-Emitter On Voltage
IC= -5A ; VCE= -4V
-1.5
V
ICES
Collector Cutoff Current
VCE= 0.8VCBOmax; VBE= 0
-1
mA
ICBO
Collector Cutoff Current
VCB= VCBOmax; IE= 0
-0.2
mA
IEBO
Emitter Cutoff Current
VEB= -7V; IC= 0
-0.1
mA
hFE-1
DC Current Gain
IC= -50mA ; VCE= -10V
40
hFE-2
DC Current Gain
IC= -5A ; VCE= -4V
40
fT
Current-Gain—Bandwidth Product
IC= -0.5A ; VCE= -10V
20
MHz
Switching Times
ton
Turn-On Time
1
μs
toff
Turn-Off Time
IC= -7A; IB1= -IB2= -0.7A
2
μs
isc Website:www.iscsemi.cn


Número de pieza similar - BDT88F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
New Jersey Semi-Conduct...
BDT88F NJSEMI-BDT88F Datasheet
127Kb / 2P
   Silicon PNP Power Transistors
More results

Descripción similar - BDT88F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
TIP30D ISC-TIP30D Datasheet
149Kb / 2P
   isc Silicon PNP Power Transistors
MJD32C ISC-MJD32C Datasheet
261Kb / 3P
   isc Silicon PNP Power Transistors
TIP42C-220 ISC-TIP42C-220 Datasheet
145Kb / 2P
   isc Silicon PNP Power Transistors
2N5737 ISC-2N5737 Datasheet
40Kb / 2P
   isc Silicon PNP Power Transistors
3CD9D ISC-3CD9D Datasheet
281Kb / 2P
   isc Silicon PNP Power Transistors
TIP32E ISC-TIP32E Datasheet
248Kb / 2P
   isc Silicon PNP Power Transistors
2SB696 ISC-2SB696 Datasheet
222Kb / 2P
   isc Silicon PNP Power Transistors
2SB551 ISC-2SB551 Datasheet
302Kb / 2P
   isc Silicon PNP Power Transistors
2SB656 ISC-2SB656 Datasheet
226Kb / 2P
   isc Silicon PNP Power Transistors
MJF45H11 ISC-MJF45H11 Datasheet
76Kb / 2P
   isc Silicon PNP Power Transistors
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com