Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLMD3102 Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza TLMD3102
Descripción Electrónicos  High Intensity SMD LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMD3102 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLMD3102 Datasheet HTML 1Page - Vishay Siliconix TLMD3102 Datasheet HTML 2Page - Vishay Siliconix TLMD3102 Datasheet HTML 3Page - Vishay Siliconix TLMD3102 Datasheet HTML 4Page - Vishay Siliconix TLMD3102 Datasheet HTML 5Page - Vishay Siliconix TLMD3102 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLMD3102
Vishay Telefunken
3 (6)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83071
0.01
0.1
1
10
1
10
100
1000
10000
tp – Pulse Length ( ms )
100
95 9985
DC
tp/T=0.005
0.5
0.2
0.1
0.01
0.05
0.02
Tambv60°C
Figure 3 Forward Current vs. Pulse Length
0.4
0.2
0
0.2
0.4
0.6
95 10319
0.6
0.9
0.8
0
°
30
°
10
°
20
°
40
°
50
°
60
°
70
°
80
°
0.7
1.0
Figure 4 Rel. Luminous Intensity vs.
Angular Displacement
1
10
100
95 10014
1
1.5
2
2.5
3
VF – Forward Voltage ( V )
DH Red
Figure 5 Forward Current vs. Forward Voltage
0
95 10015
20
40
60
80
100
Tamb – Ambient Temperature ( °C )
0
0.4
0.8
1.2
1.6
2.0
DH Red
Figure 6 Rel. Luminous Intensity vs.
Ambient Temperature
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
95 10262
500
0.5
0.2
0.1
0.05
0.02
1
IF(mA)
tp/T
2.0
DH Red
IFAV=10mA, const.
Figure 7 Rel. Lumin. Intensity vs.
Forw. Current/Duty Cycle
0.1
1
10
0.01
0.1
1
10
100
95 10016
IF – Forward Current ( mA )
DH Red
Figure 8 Relative Luminous Intensity vs. Forward Current


Número de pieza similar - TLMD3102

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TLMD310 VISHAY-TLMD310 Datasheet
81Kb / 6P
   High Intensity SMD LED
Rev. A1, 04-Feb-99
TLMD310 VISHAY-TLMD310 Datasheet
111Kb / 6P
   Standard SMD LED PLCC-2
18-Jul-08
TLMD3101 VISHAY-TLMD3101 Datasheet
80Kb / 6P
   High Intensity SMD LED
Rev. A1, 04-Feb-99
TLMD3105 VISHAY-TLMD3105 Datasheet
80Kb / 6P
   High Intensity SMD LED
Rev. A1, 04-Feb-99
TLMD310 VISHAY-TLMD310_V01 Datasheet
111Kb / 6P
   Standard SMD LED PLCC-2
18-Jul-08
More results

Descripción similar - TLMD3102

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TLME3100 VISHAY-TLME3100 Datasheet
78Kb / 6P
   High Intensity SMD LED High Intensity SMD LED
Rev. A1, 04-Feb-99
83143 VISHAY-83143 Datasheet
165Kb / 6P
   High Intensity SMD LED
Rev. 1.7, 31-Aug-04
TLMD3101 VISHAY-TLMD3101 Datasheet
80Kb / 6P
   High Intensity SMD LED
Rev. A1, 04-Feb-99
TLME3105 VISHAY-TLME3105 Datasheet
78Kb / 6P
   High Intensity SMD LED
Rev. A1, 04-Feb-99
TLMK3102 VISHAY-TLMK3102 Datasheet
78Kb / 6P
   High Intensity SMD LED
Rev. A1, 04-Feb-99
TLMK3105 VISHAY-TLMK3105 Datasheet
78Kb / 6P
   High Intensity SMD LED
Rev. A1, 04-Feb-99
TLMD310 VISHAY-TLMD310 Datasheet
81Kb / 6P
   High Intensity SMD LED
Rev. A1, 04-Feb-99
TLMF3100 VISHAY-TLMF3100 Datasheet
78Kb / 6P
   High Intensity SMD LED
Rev. A1, 04-Feb-99
TLMK3100 VISHAY-TLMK3100 Datasheet
78Kb / 6P
   High Intensity SMD LED
Rev. A2, 04-Feb-99
TLME3101 VISHAY-TLME3101 Datasheet
78Kb / 6P
   High Intensity SMD LED
Rev. A1, 04-Feb-99
TLMD3105 VISHAY-TLMD3105 Datasheet
80Kb / 6P
   High Intensity SMD LED
Rev. A1, 04-Feb-99
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com