Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD107WS Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza SD107WS
Descripción Electrónicos  SCHOTTKY DIODE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SD107WS Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  SD107WS Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Unit: mm
SOD-323
1.7+0.1
-0.1
2.6+0.1
-0.1
0.475
0.375
0.85+0.05
-0.05
1.0max
SCHOTTKY DIODE
SD107WS
Features
Low turn-on voltage
Fast switching
Microminiature plastic package
There devices are protected by a PN junction
guard ring against excessive voltage, such as electrostatic discharge.
ldeal for protection of MOS devices, steering,
blasing,and couplong diodes for fast switching and low logic level applocations.
E lectric al C haracte ristic s T a = 25
S ym b o l
Min
T yp
Ma x
U n it
BV R
30
V o lts
IR
1000
A
at IF =2 .1 m A
2 6 0
at IF =1 5 m A
3 6 0
at IF = 100 m A
470
550
at IF = 200 m A
580
880
C haracte ristic
R e ve rs e B re akdow n V olta ge
at IR =1 0 0
A
Leakage C u rrent
at V R =2 5 V
F o rw ard V oltage
mV
C tot
7.0
p F
V F
Junction C apacitance a t V R =1 0 V , f =1 .0 M H z
Marking
Marking
S1
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Value
Unit
Continuous Reverse Voltage
VR
30
Volts
Forward Current
IF
100
mA
Forward Surge Current, tp = 10 ms
IFSM
0.75
A
Power Dissipation Tc = 25
Ptot
250(Note 1)
mW
Thermal Resistance Junction to Ambient Air
R JA
500
/W
Junction Temperature
TJ
150
Storage Temperature Range
TS
-65to+150
Note:
1. Valid provided that electrodes are kept at ambient temperature


Número de pieza similar - SD107WS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
SD107WS DIODES-SD107WS Datasheet
62Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30129 Rev. 4 - 2
logo
Shenzhen Luguang Electr...
SD107WS LUGUANG-SD107WS Datasheet
191Kb / 2P
   Surface Mount Schottky Barrier Diode
logo
General Semiconductor
SD107WS GE-SD107WS Datasheet
78Kb / 1P
   SCHOTTKY DIODES
logo
List of Unclassifed Man...
SD107WS ETC2-SD107WS Datasheet
171Kb / 2P
   Halogen free available upon request by adding suffix
logo
Galaxy Semi-Conductor H...
SD107WS BILIN-SD107WS Datasheet
152Kb / 2P
   Silicon Epitaxial Planar Diode
More results

Descripción similar - SD107WS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Semiconductor C...
CPD76V CENTRAL-CPD76V Datasheet
36Kb / 1P
   Schottky Diode 1.0A Schottky Diode Chip
logo
TRANSYS Electronics Lim...
BAS40 TEL-BAS40 Datasheet
66Kb / 1P
   SCHOTTKY DIODE
logo
International Rectifier
MBR0520 IRF-MBR0520 Datasheet
116Kb / 6P
   SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
BAS40W LUGUANG-BAS40W Datasheet
314Kb / 2P
   Schottky Diode
logo
Guilin Strong Micro-Ele...
GMBAS70 GSME-GMBAS70 Datasheet
616Kb / 2P
   SCHOTTKY DIODE
logo
Central Semiconductor C...
CMLM0605 CENTRAL-CMLM0605_15 Datasheet
518Kb / 3P
   SCHOTTKY DIODE
CMLM3405 CENTRAL-CMLM3405_15 Datasheet
518Kb / 3P
   SCHOTTKY DIODE
logo
Jiangsu Changjiang Elec...
BAT42W-43W JIANGSU-BAT42W-43W Datasheet
321Kb / 3P
   SCHOTTKY DIODE
logo
SHENZHEN YONGERJIA INDU...
BAS40 WINNERJOIN-BAS40 Datasheet
76Kb / 1P
   SCHOTTKY DIODE
BAS70-04 WINNERJOIN-BAS70-04 Datasheet
124Kb / 2P
   SCHOTTKY DIODE
logo
GeneSiC Semiconductor, ...
FST16030L GENESIC-FST16030L Datasheet
360Kb / 3P
   Schottky Diode
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com