Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME8818AEET250Z Datasheet(PDF) 10 Page - AMETHERM Circuit Protection Thermistors

No. de pieza AME8818AEET250Z
Descripción Electrónicos  Low Dropout 300mA CMOS Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMETHERM [AMETHERM Circuit Protection Thermistors]
Página de inicio  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

AME8818AEET250Z Datasheet(HTML) 10 Page - AMETHERM Circuit Protection Thermistors

Back Button AME8818AEET250Z Datasheet HTML 6Page - AMETHERM Circuit Protection Thermistors AME8818AEET250Z Datasheet HTML 7Page - AMETHERM Circuit Protection Thermistors AME8818AEET250Z Datasheet HTML 8Page - AMETHERM Circuit Protection Thermistors AME8818AEET250Z Datasheet HTML 9Page - AMETHERM Circuit Protection Thermistors AME8818AEET250Z Datasheet HTML 10Page - AMETHERM Circuit Protection Thermistors AME8818AEET250Z Datasheet HTML 11Page - AMETHERM Circuit Protection Thermistors AME8818AEET250Z Datasheet HTML 12Page - AMETHERM Circuit Protection Thermistors AME8818AEET250Z Datasheet HTML 13Page - AMETHERM Circuit Protection Thermistors AME8818AEET250Z Datasheet HTML 14Page - AMETHERM Circuit Protection Thermistors  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AME
AME8818
Low Dropout
300mA CMOS Regulator
10
Rev.A.01
AME8818AEEV
Power Supply Rejection Ratio
Line Transient Response
Load Transient Response
AME8818BEEV
Start Up delay time
1K
10K
100 K
1 M
0
10
20
30
40
50
60
70
80
90
100
IOUT=1mA
IOUT=10mA
IOUT =100mA
Frequency( Hz)
VOUT = 3.3V
CBYP = 0.1µF
VIN = 5V
VOUT = 3.3V
IOUT = 1mA
TIME (10
µSec/DIV)
TIME (20
µSec/DIV)
VIN = 5V
VOUT = 3.3V
IOUT = 1mA
TIME (40
µSec/DIV)
IOUT = 1mA~250mA
VOUT = 3.3V
TIME (100
Sec/DIV)
IOUT = 1mA
VOUT = 3.3V
VIN = 4V~5.5V
AME8818BEEV
EN Pin shutdown Response


Número de pieza similar - AME8818AEET250Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8818AEET250Z AME-AME8818AEET250Z Datasheet
326Kb / 25P
   Low Dropout 300mA CMOS Regulator
More results

Descripción similar - AME8818AEET250Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8818 AME-AME8818_12 Datasheet
326Kb / 25P
   Low Dropout 300mA CMOS Regulator
logo
ADDtek Corp
AMC7635 ADDTEK-AMC7635 Datasheet
154Kb / 9P
   300mA CMOS LOW DROPOUT REGULATOR
SEPTEMBER 2007
logo
California Micro Device...
CM3015 CALMIRCO-CM3015 Datasheet
508Kb / 14P
   Micropower, 300mA Low Dropout CMOS Regulator
logo
Taiwan Semiconductor Co...
TS9000 TSC-TS9000 Datasheet
108Kb / 4P
   300mA CMOS Low Dropout Voltage Regulator
logo
Shenzhen Huazhimei Semi...
HM6205 HMSEMI-HM6205 Datasheet
1Mb / 7P
   300mA low dropout CMOS voltage regulator
HM6206 HMSEMI-HM6206 Datasheet
452Kb / 8P
   300mA low dropout CMOS voltage regulator
logo
First Components Intern...
FM2123 FCI-FM2123 Datasheet
229Kb / 5P
   300mA Low Dropout CMOS Positive Voltage Regulator
logo
Leshan Radio Company
LR6219 LRC-LR6219 Datasheet
396Kb / 6P
   Low Dropout Voltage 300mA CMOS LDO Regulator
LR6218 LRC-LR6218 Datasheet
474Kb / 7P
   Low Dropout Voltage 300mA CMOS LDO Regulator
logo
Eutech Microelectronics...
EUP7987 EUTECH-EUP7987 Datasheet
218Kb / 11P
   300mA Low-Noise Ultra Low-Dropout CMOS Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com