Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME8848AEGT330Z Datasheet(PDF) 5 Page - AMETHERM Circuit Protection Thermistors

No. de pieza AME8848AEGT330Z
Descripción Electrónicos  1A CMOS LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMETHERM [AMETHERM Circuit Protection Thermistors]
Página de inicio  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

AME8848AEGT330Z Datasheet(HTML) 5 Page - AMETHERM Circuit Protection Thermistors

  AME8848AEGT330Z Datasheet HTML 1Page - AMETHERM Circuit Protection Thermistors AME8848AEGT330Z Datasheet HTML 2Page - AMETHERM Circuit Protection Thermistors AME8848AEGT330Z Datasheet HTML 3Page - AMETHERM Circuit Protection Thermistors AME8848AEGT330Z Datasheet HTML 4Page - AMETHERM Circuit Protection Thermistors AME8848AEGT330Z Datasheet HTML 5Page - AMETHERM Circuit Protection Thermistors AME8848AEGT330Z Datasheet HTML 6Page - AMETHERM Circuit Protection Thermistors AME8848AEGT330Z Datasheet HTML 7Page - AMETHERM Circuit Protection Thermistors AME8848AEGT330Z Datasheet HTML 8Page - AMETHERM Circuit Protection Thermistors AME8848AEGT330Z Datasheet HTML 9Page - AMETHERM Circuit Protection Thermistors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AME
Rev.A.04
5
AME8848
1A CMOS LDO
n Electrical Specifications
T
A = 25
OC unless otherwise noted.
Parameter
Symbol
Min
Typ
Max
Units
Input Voltage
VIN
Note 1
7
V
Output Voltage Accuracy
VOUT
-1.5
1.5
%
1.8V<=VOUT(NOM)<=2.0V
1700
2.0V<VOUT(NOM)<=2.8V
1200
2.8V<VOUT(NOM)
1000
Output Current
IOUT
1000
mA
Output Current Limit
ILIM
1100
mA
Output Short Circuit Current
ISC
400
800
mA
Quiescent Current
IQ
30
50
µA
Ground Pin Current
IGND
35
µA
1.8V<=VOUT<=2.0V
-0.15
0.15
2.0V<VOUT<4.0V
-0.1
0.02
0.1
VOUT>=4.0V
-0.4
0.2
0.4
Output Voltage Load
Regulation
REGLOAD
0.4
1.2
%
Thermal Shutdown
Temperature
TSHDN
150
oC
Temperature Hysterisis
THYS
30
oC
Output Voltage Temperature
Coefficient
TC
30
ppm/
oC
f =100Hz
60
f =1KHz
50
f =10KHz
20
IOUT=1mA
VIN=VOUT+1 to
VOUT+2
See
chart
mV
%
IOUT=1mA to 1000mA
VOUT>=1.8V
VOUT>=1.8V
VOUT<0.8V
IOUT=1A
VOUT=VOUT(NOM) - 2.0%
IOUT=0mA
dB
PSRR
30
µVrms
Test Condition
IOUT=1mA
Output Voltage Noise
eN
IOUT=100mA
COUT=2.2µF
f =10Hz to 100KHz
IOUT=10mA
COUT=2.2µF
IOUT = 1mA to 1000mA
Power Supply Ripple
Rejection
Dropout Voltage
VDROP
Output Voltage Line
Regulation
REGLINE
Note1: V
IN(MIN) = VOUT + V DROP
Note2: To prevent the Short Circuit Current protection feature from being prematurely activated, the input voltage must be
applied before a current source load is applied.


Número de pieza similar - AME8848AEGT330Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8840 AME-AME8840 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8840AEEV AME-AME8840AEEV Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8840BEEV AME-AME8840BEEV Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8840CEEV AME-AME8840CEEV Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8840DEEV AME-AME8840DEEV Datasheet
114Kb / 14P
   300mA CMOS LDO
More results

Descripción similar - AME8848AEGT330Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Will Semiconductor Ltd.
WL2817DA WILLSEMI-WL2817DA Datasheet
2Mb / 15P
   Ultra low dropout, 500mA/1A, CMOS LDO
logo
BCD Semiconductor Manuf...
AP2114 BCDSEMI-AP2114_13 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2114 BCDSEMI-AP2114 Datasheet
787Kb / 28P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
AP2115M-1.2G1 BCDSEMI-AP2115M-1.2G1 Datasheet
598Kb / 19P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2114 DIODES-AP2114 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 2 - 2 Jan. 2013
AP2115 DIODES-AP2115 Datasheet
597Kb / 19P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
Rev. 1 - 1 Jul 2011
logo
Bookly Micro electronic
BM9164 BOOKLY-BM9164 Datasheet
421Kb / 7P
   1A BiCMOS LDO
logo
Shenzhen Huazhimei Semi...
HM9164 HMSEMI-HM9164 Datasheet
626Kb / 7P
   1A BiCMOS LDO
logo
Richtek Technology Corp...
RT9187 RICHTEK-RT9187_08 Datasheet
157Kb / 9P
   1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9187 RICHTEK-RT9187 Datasheet
175Kb / 8P
   1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com