Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSOP4837ZC1 Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza TSOP4837ZC1
Descripción Electrónicos  Photo Modules for PCM Remote Control Systems
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP4837ZC1 Datasheet(HTML) 1 Page - Vishay Siliconix

  TSOP4837ZC1 Datasheet HTML 1Page - Vishay Siliconix TSOP4837ZC1 Datasheet HTML 2Page - Vishay Siliconix TSOP4837ZC1 Datasheet HTML 3Page - Vishay Siliconix TSOP4837ZC1 Datasheet HTML 4Page - Vishay Siliconix TSOP4837ZC1 Datasheet HTML 5Page - Vishay Siliconix TSOP4837ZC1 Datasheet HTML 6Page - Vishay Siliconix TSOP4837ZC1 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TSOP48..ZC1
Vishay Telefunken
1 (7)
Rev. 3, 29-Mar-01
www.vishay.com
Document Number 82132
Photo Modules for PCM Remote Control Systems
Available types for different carrier frequencies
Type
fo
Type
fo
TSOP4830ZC1
30 kHz
TSOP4833ZC1
33 kHz
TSOP4836ZC1
36 kHz
TSOP4837ZC1
36.7 kHz
TSOP4838ZC1
38 kHz
TSOP4840ZC1
40 kHz
TSOP4856ZC1
56 kHz
Description
The TSOP48..ZC1 – series are miniaturized receivers
for infrared remote control systems. PIN diode and
preamplifier are assembled on lead frame, the epoxy
package is designed as IR filter.
The demodulated output signal can directly be
decoded by a microprocessor. TSOP48..ZC1 is the
standard IR remote control receiver series, supporting
all major transmission codes.
16 083
Features
D Photo detector and preamplifier in one package
D Internal filter for PCM frequency
D Improved shielding against electrical field
disturbance
D TTL and CMOS compatibility
D Output active low
D Low power consumption
D High immunity against ambient light
D Continuous data transmission possible
(800 bit/s)
D Suitable burst length ≥10 cycles/burst
Block Diagram
9612226
PIN
Input
AGC
Control
Circuit
Band
Pass
Demodu-
lator
30 k
W
2
3
1
VS
OUT
GND


Número de pieza similar - TSOP4837ZC1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TSOP4837 VISHAY-TSOP4837 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 9, 29-Mar 01
TSOP4837 VISHAY-TSOP4837 Datasheet
155Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.14, 18-Jul-08
TSOP4837ON1 VISHAY-TSOP4837ON1 Datasheet
405Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP4837QJ1 VISHAY-TSOP4837QJ1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 29-Mar 01
TSOP4837RF1 VISHAY-TSOP4837RF1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 29-Mar-01
More results

Descripción similar - TSOP4837ZC1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TSOP1830SI3V VISHAY-TSOP1830SI3V Datasheet
135Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 1, 26-Jun-00
TSOP2130 VISHAY-TSOP2130 Datasheet
2Mb / 8P
   Photo Modules for PCM Remote Control Systems
Rev. 5, 30-Mar-01
TSOP1730SB1 VISHAY-TSOP1730SB1 Datasheet
208Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 9, 02-Apr-01
TSOP1830 VISHAY-TSOP1830 Datasheet
128Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 13, 13-Sep-00
TSOP1830YA1 VISHAY-TSOP1830YA1 Datasheet
137Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 08-Jun-00
TSOP2230 VISHAY-TSOP2230 Datasheet
1Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
TSOP2230MQ1 VISHAY-TSOP2230MQ1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 30-Mar-01
TSOP2230VI1 VISHAY-TSOP2230VI1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
TSOP2830PM1 VISHAY-TSOP2830PM1 Datasheet
133Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 10-Oct-00
TSOP2830QJ1 VISHAY-TSOP2830QJ1 Datasheet
173Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 06-Jun-00
TSOP2830SA1 VISHAY-TSOP2830SA1 Datasheet
87Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 31-Jan-00
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com