Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


SDT310AMTM100 Datasheet(Hoja de datos) 1 Page - KOA Speer Electronics, Inc.

No. de Pieza. SDT310AMTM100
Descripción  small type platinumthin film thermal sensors
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KOA [KOA Speer Electronics, Inc.]
Página de inicio  http://www.koaspeer.com
Logo 

   
 1 page
background image
164
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
1/06/09
*
[t] is a measuring temperature indicated at °C that is not related to marking + or -. **
T.C.R. measuring temperature: o°C/+100°C.
***
Thermal time constant and thermal dissipation constant are values measured in stationary air and are typical values, which are values of elements and vary with connecting or fixing methods.
**** Specified current is a current value that is used at reliability test under the condition of self heat-generation that can be disregarded.
Recommended measuring currents are 1mA for 100
Ω and 0.1mA for 500Ωor 1kΩ.
SDT310
small type platinum thin film thermal sensors
features
T.C.R. is in accordance with JIS-DIN standards
The small package with a real ability of 1k
Ω resistance
Thermal time constant is improved with the small package
Products with lead-free terminations meet EU RoHS
requirements. Pb located in glass material, electrode
and resistor element is exempt per Annex 1, exemption
5 of EU directive 2005/95/EC
LT: -55°C~+155°C
Nil: -55°C~+400°C
MT: -55°C~+650°C
Nil: Standard
A
N
C: SnCu (SDT310LT,
SDT310HLT)
P: Pt clad wire
(SDT310, SDT310A)
M: PtIr (SDT310MT)
SDT310
Type
Size Code
T.C.R.
(x 10-6/K)
Temperature
Range
Terminal Surface
Temperature
New Part #
2B
C
3850
LT
A: ±(0.15+0.002[t])
B: ±(0.3+0.005[t])
C: ±(1.0+0.01[t])
K: ±10%(SDT310A)
Class
B
W
L
t
d
f
Protective
Coating
Lead Weld
Reinforcing Coating
Lead Wire
Welding
Point
Ceramic
Substrate
Platinum
Thin Film
l
dimensions
and construction
L
SDT310AP
Wt
f
d (Nom.)
Dimensions inches
(mm)
Type
ordering information
100: 100
500: 500
1K: 1k
Nominal
Resistance
100
Thermal
Time
Constant***
Resistance
Tolerance
Thermal
Dissipation
Constant***
Part
Designation
T.C.R.
(ppm/°C)**
Operating
Temperature
Range
Resistance
Range
@ 0°C
Class:
Tolerance of
Measuring
Temperature*
applications and ratings
SDT310LTC
-55°C to
+155°C
B:±(0.3+0.005 [t])
±0.12%
100
Ω, 500Ω,
1k
Specified
Current****
.043±.010
(1.1±0.25)
.012±.004
(0.3±0.10)
SDT310LTC
SDT310MTM
.118±.010
(3.0±0.25)
.197±.004
(5.0±0.10)
SDT310P
.008±.002
(ø0.2±0.05)
l
.315±.079
(8±2)
.315±.079
(8±2)
.079±.010
(2.0±0.25)
.047±.004
(1.2±0.10)
.047 max.
(1.2 max.)
.043 max.
(1.1 max.)
.394
+.179
-.079
(10 +5 )
-2
.394
+.179
-.079
(10 +5 )
-2
SDT310P
7 seconds in
stationary air
3850
-55°C to
+400°C
0.9mW/°C
1.0mW/°C
100
Ω, 500Ω,
1k
1mA max.
SDT310MTM
-55°C to
+650°C
100
-55°C to
+400°C
1.0mW/°C
C:±(1.0+0.01 [t])
A:±(0.15+0.002 [t])
±0.059%
A:±(0.15+0.002 [t])
±0.059%
±0.39%
SDT310HLTC
-55°C to
+155°C
B:±(0.3+0.005 [t])
±0.12%
1k
C:±(1.0+0.01 [t])
A:±(0.15+0.002 [t])
±0.059%
±0.39%
B:±(0.3+0.005 [t])
±0.12%
C:±(1.0+0.01 [t])
±0.39%
B:±(0.3+0.005 [t])
±0.12%
C:±(1.0+0.01 [t])
±0.39%
SDT310AP
6 seconds in
stationary air
2.7 seconds in
stationary air
10
±10%
–––
EU
SDT310HLTC
(1K
Ω)
.079±.004
(2.0±0.10)
SDT310HLTC
(100
Ω)
.031±.008
(0.8±0.2)
__
Protective
Coating
Lead Weld
Reinforcing Coating
Lead Wire
Welding
Point
Ceramic
Substrate
Platinum
Thin Film
W
Ll
d
t
l
SDT310, SDT310LTC,
SDT310HLTC,
SDT310MT
SDT310A
1733 Reader's Spreads pg1-203:document
1/27/09
4:12 PM
Page 162




Html Pages

1  2  3 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
SDT73H2Bplatinumthin film thermal chip sensors 1 2 KOA Speer Electronics, Inc.
SDT101AXplatinumthin film thermal sensors 1 2 KOA Speer Electronics, Inc.
LP731Jthin film resistance thermal chip sensors 1 2 KOA Speer Electronics, Inc.
KD2004-CF10ACompact medium speed thick film thermal printhead 8dots / mm 1 2 3 4 5 Rohm
KD3008-CF10AThick film thermal printhead 11.8 dots / mm 1 2 3 4 5 Rohm
941C6P1K-FType 941C High dV/dt Metallized Polypropylene Film Capacitors 1 2 Cornell Dubilier Electronics
MKT373Metallized Polyester Film Capacitors MKT Radial Potted Type 1 2 3 4 5 MoreVishay Siliconix
MKP3361X1Interference Suppression Film Capacitors MKP Radial Potted Type 1 2 3 4 5 MoreVishay Siliconix
KA2002-BE10ACompact Battery drivable thick film thermal printhead 8dots / mm 1 2 3 4 5 Rohm

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl