Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDT310NM100 Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

No. de pieza SDT310NM100
Descripción Electrónicos  small type platinumthin film thermal sensors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KOA [KOA Speer Electronics, Inc.]
Página de inicio  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SDT310NM100 Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  SDT310NM100 Datasheet HTML 1Page - KOA Speer Electronics, Inc. SDT310NM100 Datasheet HTML 2Page - KOA Speer Electronics, Inc. SDT310NM100 Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SDT310
small type platinum thin film thermal sensors
Temperature Characteristics
environmental applications
2.2
1.4
0100200400500600
Ambient Temperature
(°C)
-0.8
-100
1.8
0
300
3.4
3.0
2.6
1.385
PMS 300 neg.
Black neg.
Note: Desired temperature values are obtained by adding temperatures in the vertical and horizontal axes.
When calculating a resistance value of 105°C, read the value in the column where 100°C in the
vertical axis and 5°C in the horizontal axis cross. The value will be 140.40
Ω. The value for 500Ω
at 0°C will be the value obtained by multiplying the resistance value in this table by 5. Similarly,
the value for 1K
Ω at 0°C will be the value obtained by multiplying the resistance value by 10.
Pt100 Resistance - Temperature Characteristic (JIS C1604-1997)
100 at 0°C
Temperature
(°C)
-50
80.31
79.91
79.51
79.11
78.72
78.32
––
––
––
––
-40
84.27
83.87
83.48
83.08
82.69
82.29
81.89
81.50
81.10
80.70
-30
88.22
87.83
87.43
87.04
86.64
86.25
85.85
85.46
85.06
84.67
-20
92.16
91.77
91.37
90.98
90.59
90.19
89.80
89.40
89.01
88.62
-10
96.09
95.69
95.30
94.91
94.52
94.12
93.73
93.34
92.95
92.55
0
100.00
99.61
99.22
98.83
98.44
98.04
97.65
97.26
96.87
96.48
0
1
2
3
4
5
6
7
8
9
0
100.00 100.39 100.78 101.17 101.56 101.95 102.34 102.73 103.12 103.51
10
103.90 104.29 104.68 105.07 105.46 105.85 106.24 106.63 107.02 107.40
20
107.79 108.18 108.57 108.96 109.35 109.73 110.12 110.51 110.90 111.29
30
111.67 112.06 112.45 112.83 113.22
113.61 114.00 114.38 114.77 115.15
40
115.54 115.93 116.31 116.70 117.08
117.47 117.86 118.24 118.63 119.01
50
119.40 119.78 120.17 120.55 120.94 121.32 121.71 122.09 122.47 122.86
60
123.24 123.63 124.01 124.39 124.78 125.16 125.54 125.93 126.31 126.69
70
127.08 127.46 127.84 128.22 128.61 128.99 129.37 129.75 130.13 130.52
80
130.90 131.28 131.66 132.04 132.42 132.80 133.18 133.57 133.95 134.33
90
134.71 135.09 135.47 135.85 136.23 136.61 136.99 137.37 137.75 138.13
100
138.51 138.88 139.26 139.64 140.02 140.40 140.78 141.16 141.54 141.91
110
142.29 142.67 143.05 143.43 143.80 144.18 144.56 144.94 145.31 145.69
120
146.07 146.44 146.82 147.20 147.57 147.95 148.33 148.70 149.08 149.46
130
149.83 150.21 150.58 150.96 151.33 151.71 152.08 152.46 152.83 153.21
140
153.58 153.96 154.33 154.71 155.08 155.46 155.83 156.20 156.58 156.95
150
157.33 157.70 158.07 158.45 158.82 159.19 159.56 159.94 160.31 160.68
160
161.05 161.43 161.80 162.17 162.54 162.91 163.29 163.66 164.03 164.40
170
164.77 165.14 165.51 165.89 166.26 166.63 167.00 167.37 167.74 168.11
180
168.48 168.85 169.22 169.59 169.96 170.33 170.70 171.07 171.43 171.80
190
172.17 172.54 172.91 173.28 173.65 174.02 174.38 174.75 175.12 175.49
200
175.86 176.22 176.59 176.96 177.33 177.69 178.06 178.43 178.79 179.16
210
179.53 179.89 180.26 180.63 180.99 181.36 181.72 182.09 182.46 182.82
220
183.19 183.55 183.92 184.28 184.65 185.01 185.38 185.74 186.11 186.47
230
186.84 187.20 187.56 187.93 188.29 188.66 189.02 189.38 189.75 190.11
240
190.47 190.84 191.20 191.56 191.92 192.29 192.65 193.01 193.37 193.74
250
194.10 194.46 194.82 195.18 195.55 195.91 196.27 196.63 196.99 197.35
260
197.71 198.07 198.43 198.79 199.15 199.51 199.87 200.23 200.59 200.95
270
201.31 201.67 202.03 202.39 202.75 203.11 203.47 203.83 204.19 204.55
280
204.90 205.26 205.62 205.98 206.34 206.70 207.05 207.41 207.77 208.13
290
208.48 208.84 209.20 209.56 209.91 210.27 210.63 210.98 211.34 211.70
300
212.05 212.41 212.76 213.12 213.48 213.83 214.19 214.54 214.90 215.25
310
215.61 215.96 216.32 216.67 217.03 217.38 217.74 218.09 218.44 218.80
320
219.15 219.51 219.86 220.21 220.57 220.92 221.27 221.63 221.98 222.33
330
222.68 223.04 223.39 223.74 224.09 224.45 224.80 225.15 225.50 225.85
340
226.21 226.56 226.91 227.26 227.61 227.96 228.31 228.66 229.02 229.37
350
229.72 230.07 230.42 230.77 231.12 231.47 231.82 232.17 232.52 232.87
360
233.21 233.56 233.91 234.26 234.61 234.96 235.31 235.66 236.00 236.35
370
236.70 237.05 237.40 237.74 238.09 238.44 238.79 239.13 239.48 239.83
380
240.18 240.52 240.87 241.22 241.56 241.91 242.26 242.60 242.95 243.29
390
243.64 243.99 244.33 244.68 245.02 245.37 245.71 246.06 246.40 246.75
400
247.09 247.44 247.78 248.13 248.47 248.81 249.16 249.50 249.85 250.19
410
250.53 250.88 251.22 251.56 251.91 252.25 252.59 252.93 253.28 253.62
420
253.96 254.30 254.65 254.99 255.33 255.67 256.01 256.35 256.70 257.04
430
257.38 257.72 258.06 258.40 258.74 259.08 259.42 259.76 260.10 260.44
440
260.78 261.12 261.46 261.80 262.14 262.48 262.82 263.16 263.50 263.84
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
Approximate Expression for Resistance-
Temperature Characteristics
-55°C~0°C
:RT=R0 {1+C1T+C2T2+C3 (T-100) T3}
0°C~+650°C
:RT=R0 (1+C1T+C2T2)
RT : Resistance value at T°C
R0 : Resistance value at 0°C
T : Ambient temperature(°C)
Constants C1, C2, C3:
C1=3.9083×10-3 °C-1
C2=-5.775×10-7 °C-2
C3=-4.183×10-12 °C-4
165
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
5/13/08
1733 Reader's Spreads pg1-203:document
1/27/09
4:12 PM
Page 163


Número de pieza similar - SDT310NM100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KOA Speer Electronics, ...
SDT3102BLTC100B3850 KOA-SDT3102BLTC100B3850 Datasheet
361Kb / 3P
   small type platinum thin film thermal sensors
SDT310AP KOA-SDT310AP Datasheet
361Kb / 3P
   small type platinum thin film thermal sensors
SDT310HCTP KOA-SDT310HCTP Datasheet
247Kb / 2P
   small type platinum thin film thermal sensors (narrow)
SDT310HLTC KOA-SDT310HLTC Datasheet
361Kb / 3P
   small type platinum thin film thermal sensors
SDT310LTC KOA-SDT310LTC Datasheet
361Kb / 3P
   small type platinum thin film thermal sensors
More results

Descripción similar - SDT310NM100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KOA Speer Electronics, ...
SDT101AX KOA-SDT101AX Datasheet
92Kb / 2P
   platinumthin film thermal sensors
SDT73H2B KOA-SDT73H2B Datasheet
87Kb / 2P
   platinumthin film thermal chip sensors
SDT73V2B KOA-SDT73V2B Datasheet
87Kb / 2P
   platinumthin film thermal chip sensors (for automotive)
SDT3102BLTC100B3850 KOA-SDT3102BLTC100B3850 Datasheet
361Kb / 3P
   small type platinum thin film thermal sensors
SDT310HCTP KOA-SDT310HCTP Datasheet
247Kb / 2P
   small type platinum thin film thermal sensors (narrow)
SDT101AXCT26A100DF KOA-SDT101AXCT26A100DF Datasheet
243Kb / 2P
   platinum thin film thermal sensors
SDT73H2BTTE100F385 KOA-SDT73H2BTTE100F385 Datasheet
236Kb / 2P
   platinum thin film thermal chip sensors
LP731J KOA-LP731J Datasheet
87Kb / 2P
   thin film resistance thermal chip sensors
SDT73V2BTTE100F385 KOA-SDT73V2BTTE100F385 Datasheet
340Kb / 2P
   platinum thin film thermal chip sensors (for automotive)
logo
Humirel
SA10111 HUMIREL-SA10111 Datasheet
570Kb / 1P
   SA series, high-precision,Pt-film thermal sensors.
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com