Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDT310M500 Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

No. de pieza SDT310M500
Descripción Electrónicos  small type platinumthin film thermal sensors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KOA [KOA Speer Electronics, Inc.]
Página de inicio  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SDT310M500 Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  SDT310M500 Datasheet HTML 1Page - KOA Speer Electronics, Inc. SDT310M500 Datasheet HTML 2Page - KOA Speer Electronics, Inc. SDT310M500 Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
166
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
11/21/08
SDT310
small type platinum thin film thermal sensors
Pt100 Resistance - Temperature Characteristic (JIS C1604-1997)
100 at 0°C
Temperature
(°C)
450
264.18 264.52 264.86 265.20 265.53 265.87 266.21 266.55 266.89 267.22
460
267.56 267.90 268.24 268.57 268.91 269.25 269.59 269.92 270.26 270.60
470
270.93 271.27 271.61 271.94 272.28 272.61 272.95 273.29 273.62 273.96
480
274.29 274.63 274.96 275.30 275.63 275.97 276.30 276.64 276.97 277.31
490
277.64 277.98 278.31 278.64 278.98 279.31 279.64 279.98 280.31 280.64
500
280.98 281.31 281.64 281.98 282.31 282.64 282.97 283.31 283.64 283.97
510
284.30 284.63 284.97 285.30 285.63 285.96 286.29 286.62 286.95 287.29
520
287.62 287.95 288.28 288.61 288.94 289.27 289.60 289.93 290.26 290.59
530
290.92 291.25 291.58 291.91 292.24 292.56 292.89 293.22 293.55 293.88
540
294.21 294.54 294.86 295.19 295.52 295.85 296.18 296.50 296.83 297.16
550
297.49 297.81 298.14 298.47 298.80 299.12 299.45 299.78 300.10 300.43
560
300.75 301.08 301.41 301.73 302.06 302.38 302.71 303.03 303.36 303.69
570
304.01 304.34 304.66 304.98 305.31 305.63 305.96 306.28 306.61 306.93
580
307.25 307.58 307.90 308.23 308.55 308.87 309.20 309.52 309.84 310.16
590
310.49 310.81 311.13 311.45 311.78 312.10 312.42 312.74 313.06 313.39
600
313.71 314.03 314.35 314.67 314.99 315.31 315.64 315.96 316.28 316.60
610
316.92 317.24 317.56 317.88 318.20 318.52 318.84 319.16 319.48 319.80
620
320.12 320.43 320.75 321.07 321.39 321.71 322.03 322.35 322.67 322.98
630
323.30 323.62 323.94 324.26 324.57 324.89 325.21 325.53 325.84 326.16
640
326.48 326.79 327.11 327.43 327.74 328.06 328.38 328.69 329.01 329.32
650
329.64 329.96 330.27 330.59 330.90 331.22 331.53 331.85 332.16 332.48
01
2
34
56
7
89
Note: Desired temperature values are obtained by adding temperatures in the vertical and horizontal
axes. When calculating a resistance value of 105°C, read the value in the column where 100°C in
the vertical axis and 5°C in the horizontal axis cross. The value will be 140.40
Ω. The value for 500Ω
at 0°C will be the value obtained by multiplying the resistance value in this table by 5. Similarly,
the value for 1K
Ω at 0°C will be the value obtained by multiplying the resistance value by 10.
environmental applications (continued)
Performance Characteristics
Resistance
0°C
Within specified
tolerance
T.C.R.
0°C/ +100°C
Within specified
T.C.R.
Insulation Resistance
d.c. 100V
100M
Ω or more
Dielectric Withstanding Voltage
a.c. 100V, 60 seconds - 70 seconds
±0.12%
±0.5%
Resistance to Solder Heat
350°C for 3.5 seconds
Moisture Resistance
60°C ± 2°C, 90 - 95% RH, 1000 hours, 1mA, 1.5 hr ON, 0.5 hr OFF cycle
±0.5%
Normal Temperature Load Life
20°C ± 10°C, 1000 hours, 1mA continuous turning on electricity
±0.5%
Rapid Change of Temperature
-55°C (30 minutes)/ +25°C (2 - 3 minutes)/ +155°C (30 minutes)/ +25°C
(2 - 3 minutes), 10 cycles (SDT310LTC, SDT310HLTC); -55°C (30 minutes)/
+25°C (2 - 3 minutes)/ +400°C (30 minutes)/ +25°C (2 - 3 minutes), 10 cycles
(SDT310P, SDT310A); +25°C (30 minutes)/ +650°C (30 minutes) 10 cycles
(SDT310MTM)
±0.12%
High Temperature Load Life
155°C ± 2°C (SDT310LTC, SDT310HLTC), 400°C ± 8°C (SDT310P,
SDT310AP), 1000 hours, 650°C ± 13°C (SDT310MTM), 250 hours,
1mA continuous turning on electricity
±0.5%
High Temperature Exposure
+155°C (SDT310LTC, SDT310HLTC), +400°C (SDT310P, SDT310AP),
+650°C (SDT310MTM), 250 hours
±0.12%, ±0.5%
(SDT310MTM)
Low Temperature Exposure
-55°C, 250 hours
±0.12%
––
––
––
±0.010%
±0.014%
-0.004%
-0.017%
-0.026%
-0.022%
-0.027%, -0.060%
(SDT310MTM)
-0.036%
Parameter
Requirement
∆ R
Limit
Typical
Test Method
1733 Reader's Spreads pg1-203:document
1/27/09
4:12 PM
Page 164


Número de pieza similar - SDT310M500

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KOA Speer Electronics, ...
SDT310MTM KOA-SDT310MTM Datasheet
361Kb / 3P
   small type platinum thin film thermal sensors
More results

Descripción similar - SDT310M500

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KOA Speer Electronics, ...
SDT101AX KOA-SDT101AX Datasheet
92Kb / 2P
   platinumthin film thermal sensors
SDT73H2B KOA-SDT73H2B Datasheet
87Kb / 2P
   platinumthin film thermal chip sensors
SDT73V2B KOA-SDT73V2B Datasheet
87Kb / 2P
   platinumthin film thermal chip sensors (for automotive)
SDT3102BLTC100B3850 KOA-SDT3102BLTC100B3850 Datasheet
361Kb / 3P
   small type platinum thin film thermal sensors
SDT310HCTP KOA-SDT310HCTP Datasheet
247Kb / 2P
   small type platinum thin film thermal sensors (narrow)
SDT101AXCT26A100DF KOA-SDT101AXCT26A100DF Datasheet
243Kb / 2P
   platinum thin film thermal sensors
SDT73H2BTTE100F385 KOA-SDT73H2BTTE100F385 Datasheet
236Kb / 2P
   platinum thin film thermal chip sensors
LP731J KOA-LP731J Datasheet
87Kb / 2P
   thin film resistance thermal chip sensors
SDT73V2BTTE100F385 KOA-SDT73V2BTTE100F385 Datasheet
340Kb / 2P
   platinum thin film thermal chip sensors (for automotive)
logo
Humirel
SA10111 HUMIREL-SA10111 Datasheet
570Kb / 1P
   SA series, high-precision,Pt-film thermal sensors.
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com