Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SDT101AYNT26A10DG Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc. |
|
SDT101AYNT26A10DG Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc. |
1 / 2 page 162 KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. 11/20/08 SDT101 platinum thin film thermal sensors features • Stable characteristics even in use for a long time with an excellent environment resistance • Marking: Ivory coating for SDT101A Transparent brown coating for SDT101B • Products with lead-free terminations meet EU RoHS and China RoHS requirements X: 0°C Y: 25°C* A: -55°C~+150°C B: -55°C~+300°C Nil: Bulk A: AMMO (A only) SDT101 Type Temperature Range Reference Temperature Packaging New Part # A A X D: ±0.5% F: ±1% Resistance Tolerance D d D Marking (A only) Insulation Coating Electrode Cap Lead Wire L l Platinum Thin Film Trimming Line Ceramic Core dimensions and construction L 1.18±.118 (30±3) .016±.003 (0.4±0.08) .063±.008 (1.6±0.2) .157±.031 (4.0±0.8) SDT101A D d (Nom.) l Dimensions inches (mm) Type ordering information 10: 10 Ω 100: 100 Ω 500: 500 Ω Nominal Resistance 100 Resistance Tolerance Thermal Dissipation Constant* T.C.R. (ppm/°C) Part Designation T.C.R. Tolerance (ppm/°C) Operating Temperature Range Power Rating @ 70°C* Thermal Time Constant* applications and ratings SDT101A D: ±0.5% F: ±1% F: ±1% G: ±2% -55°C to +150°C 6 seconds 3500 2.8mW/°C 0.125W Rated Ambient Temperature +70C * Thermal time constant and thermal dissipation constant are reference values, which are values of elements and vary with connecting or fixing methods. T.C.R. measuring temperature: 0°C/+100°C 1.18±.118 (30±3) .016±.003 (0.4±0.08) .059±.008 (1.5±0.2) .157±.031 (4.0±0.8) SDT101B F: ±1% G: ±2% T.C.R. Tolerance F Nil: Bulk T26: 26mm taping (A only) T52: 52mm taping (A only) Taping T26 C: SnCu (A only) N: Ni (B only) Terminal Surface Material C * Products of resistances measures at 25°C are also available. (But T.C.R.s will be measured at 0°C/100°C.) Consult the factory. Resistance Range 10 Ω, 100Ω, 500 Ω SDT101B -55°C to +300°C 9 seconds 1.8mW/°C +200C EU 1733 Reader's Spreads pg1-203:document 1/27/09 4:12 PM Page 160 |
Número de pieza similar - SDT101AYNT26A10DG |
|
Descripción similar - SDT101AYNT26A10DG |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |