Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDR1006TTEB391K Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

No. de pieza SDR1006TTEB391K
Descripción Electrónicos  power choke coil inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KOA [KOA Speer Electronics, Inc.]
Página de inicio  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SDR1006TTEB391K Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  SDR1006TTEB391K Datasheet HTML 1Page - KOA Speer Electronics, Inc. SDR1006TTEB391K Datasheet HTML 2Page - KOA Speer Electronics, Inc. SDR1006TTEB391K Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SDR
power choke coil inductor
Suitable for reflow soldering
High current capability up to 2 Amps
Low DCR
Marking: Black body color with black marking
Products with lead-free terminations meet EU RoHS
and China RoHS requirements
ordering information
100: 10µH
101: 100µH
T: Sn
K: ±10%
M:±20%
Y: ±15%
0604
0805
1006
TEB: 13" embossed plastic
(0604: 1,500 pieces/reel)
(0805: 1,000 pieces/reel)
(1006: 800 pieces/reel)
SDR
Type
Size
Tolerance
Nominal
Inductance
Termination
Material
Packaging
New Part #
0805
TEB
M
100
T
For further information on packaging, please refer to Appendix A.
dimensions and construction
B
A
F
Magnet
Wire
Electrode
Ceramic
Substrate
A
.295±.012
(7.5±0.3)
.197±.012
(5.0±0.3)
.102
(2.6)
B
F (typ.)
Dimensions inches
(mm)
0805
.374±.012
(9.5±0.3)
.217±.012
(5.5±0.3)
.114
(2.9)
1006
Size
.220±.008
(5.6±0.2)
.177±.012
(4.5±0.3)
.071
(1.8)
0604
232
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
11/23/08
features
Part
Designation
Nominal
Inductance
L (µH) @ 1KHz
applications and ratings
DC
Resistance
Maximum
(
Ω)
Allowable
DC Current
Maximum
(Amps)
Operating
Temperature
Range
Storage
Temperature
Range
Inductance
Tolerance
SDR0604TTEB3R3M
SDR0604TTEB3R9M
SDR0604TTEB4R7M
SDR0604TTEB5R6M
SDR0604TTEB6R8M
SDR0604TTEB8R2M
SDR0604TTEB100M
SDR0604TTEB120M
SDR0604TTEB150Y
SDR0604TTEB180Y
SDR0604TTEB220Y
SDR0604TTEB270Y
10
12
15
18
22
27
3.3
3.9
4.7
5.6
6.8
8.2
M: ±20%
Y: ±15%
0.06
0.07
0.07
0.08
0.08
0.09
0.10
0.12
0.14
0.15
0.19
0.22
2.0
1.9
1.8
1.7
1.6
1.5
1.45
1.4
1.3
1.25
1.1
1.0
-20°C to +80°C
-40°C to +125°C
EU
1733 Reader's Spreadspg189-328:1570 Reader's Spreadspg189-328
1/27/09
4:58 PM
Page 37


Número de pieza similar - SDR1006TTEB391K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KOA Speer Electronics, ...
SDR1006TTEB100K KOA-SDR1006TTEB100K Datasheet
79Kb / 4P
   Fixed High-Frequency Inductors
SDR1006TTEB100M KOA-SDR1006TTEB100M Datasheet
79Kb / 4P
   Fixed High-Frequency Inductors
SDR1006TTEB101K KOA-SDR1006TTEB101K Datasheet
79Kb / 4P
   Fixed High-Frequency Inductors
SDR1006TTEB101M KOA-SDR1006TTEB101M Datasheet
79Kb / 4P
   Fixed High-Frequency Inductors
More results

Descripción similar - SDR1006TTEB391K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KOA Speer Electronics, ...
SDR0805TTEB100M KOA-SDR0805TTEB100M Datasheet
226Kb / 3P
   shielded power choke coil inductor
LPM1060TTEG100M KOA-LPM1060TTEG100M Datasheet
225Kb / 2P
   choke coil inductor
LPC4045A KOA-LPC4045A Datasheet
151Kb / 3P
   choke coil inductor
logo
Murata Manufacturing Co...
LQM21FN100N00L MURATA-LQM21FN100N00L Datasheet
59Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM18FN100M00D MURATA-LQM18FN100M00D Datasheet
42Kb / 1P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM18FN1R0M00D MURATA-LQM18FN1R0M00D Datasheet
42Kb / 1P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN220N MURATA-LQM21FN220N Datasheet
59Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN1R0N00D MURATA-LQM21FN1R0N00D Datasheet
59Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN4R7M80L MURATA-LQM21FN4R7M80L Datasheet
45Kb / 1P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN100M70L MURATA-LQM21FN100M70L Datasheet
41Kb / 1P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com