Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SDS1005TTEB2R2M Datasheet(PDF) 5 Page - KOA Speer Electronics, Inc.

No. de Pieza. SDS1005TTEB2R2M
Descripción  power choke coils
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KOA [KOA Speer Electronics, Inc.]
Página de inicio  http://www.koaspeer.com
Logo 

SDS1005TTEB2R2M Datasheet(HTML) 5 Page - KOA Speer Electronics, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SDS
power choke coils
239
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
11/23/08
SDS1206TTEB681
680
1500
0.40
SDS1206TTEB821
820
1700
0.35
SDS1208TTEB2R5M
2.5
11.4
7.50
SDS1208TTEB4R5M
4.5
14
6.50
SDS1208TTEB6R5M
6.5
18
6.00
SDS1208TTEB100
10
21
5.00
SDS1208TTEB120
12
25
4.80
SDS1208TTEB150
15
36
4.00
SDS1208TTEB180
18
40
3.80
SDS1208TTEB220
22
43
3.50
SDS1208TTEB270
27
48
3.00
SDS1208TTEB330
33
62
2.80
SDS1208TTEB390
39
76
2.50
SDS1208TTEB470
47
85
2.20
SDS1208TTEB560
56
110
2.00
SDS1208TTEB680
68
135
1.80
SDS1208TTEB820
82
150
1.60
SDS1208TTEB101
100
170
1.50
SDS1208TTEB221
220
380
1.10
SDS1208TTEB331
330
650
0.85
SDS1208TTEB471
470
850
0.70
SDS1208TTEB102
1000
1650
0.50
applications and ratings (continued)
K: ±10%
M: ±20%
K: ±10%
Y: ±15%
-20°C to +80°C
-20°C to +80°C
Part
Designation
Nominal
Inductance
L (µH) @ 1KHz
DC
Resistance
Maximum
(
Ω)
Allowable
DC Current
Maximum
(Amps)
Operating
Temperature
Range
Inductance
Tolerance
1733 Reader's Spreadspg189-328:1570 Reader's Spreadspg189-328
1/27/09
4:58 PM
Page 44


Html Pages

1  2  3  4  5 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
8625-XXXCHOKE Power Chokes 1 Filtran LTD
CBM6068Common Mode Choke Coils 1 Sumida Corporation
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
8626-XXXCHOKE Power Chokes 1 Filtran LTD
CSC042ASMD Power Choke 1 2 Frontier Electronics.
8627-XXXCHOKE Power Chokes 1 Filtran LTD
CSH1250SSMD Power Choke 1 2 Frontier Electronics.
8628-XXXCHOKE Power Chokes 1 Filtran LTD
CSH1260ERSMD Power Choke Shielded 1 Frontier Electronics.

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn