Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SDS1005TTEB220 Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

No. de Pieza. SDS1005TTEB220
Descripción  power choke coils
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KOA [KOA Speer Electronics, Inc.]
Página de inicio  http://www.koaspeer.com
Logo 

SDS1005TTEB220 Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SDS
power choke coils
236
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
2/01/06
SDS0804TTEB5R0M
5.0
0.080
1.70
SDS0804TTEB7R5M
7.5
0.100
1.40
SDS0804TTEB100
10
0.120
1.20
SDS0804TTEB120
12
0.150
1.10
SDS0804TTEB150
15
0.170
1.00
SDS0804TTEB180
18
0.190
0.90
SDS0804TTEB220
22
0.250
0.80
SDS0804TTEB270
27
0.270
0.70
SDS0804TTEB330
33
0.300
0.65
SDS0804TTEB390
39
0.380
0.60
SDS0804TTEB470
47
0.460
0.55
SDS0804TTEB560
56
0.600
0.50
SDS0804TTEB680
68
0.700
0.45
SDS0804TTEB820
82
0.800
0.40
SDS0805TTEB2R2M
2.2
0.04
2.50
SDS0805TTEB3R9M
3.9
0.055
2.10
SDS0805TTEB5R6M
5.6
0.065
1.95
SDS0805TTEB8R2M
8.2
0.08
1.75
SDS0805TTEB100
10
0.10
1.50
SDS0805TTEB120
12
0.12
1.40
SDS0805TTEB150
15
0.14
1.30
SDS0805TTEB180
18
0.16
1.20
SDS0805TTEB220
22
0.18
1.10
SDS0805TTEB270
27
0.20
1.00
SDS0805TTEB330
33
0.24
0.92
SDS0805TTEB390
39
0.26
0.84
SDS0805TTEB470
47
0.28
0.75
SDS0805TTEB560
56
0.38
0.68
SDS0805TTEB680
68
0.44
0.60
SDS0805TTEB820
82
0.55
0.54
SDS0805TTEB101
100
0.60
0.50
SDS0805TTEB121
120
0.75
0.45
SDS0906TTEB100
10
0.080
1.80
SDS0906TTEB150
15
0.100
1.60
SDS0906TTEB220
22
0.130
1.40
SDS0906TTEB330
33
0.150
1.20
SDS0906TTEB470
47
0.180
1.00
SDS0906TTEB680
68
0.350
0.85
SDS0906TTEB101
100
0.420
0.70
SDS0906TTEB151
150
0.550
0.60
SDS0906TTEB221
220
1.00
0.48
SDS0906TTEB331
330
1.30
0.40
SDS0906TTEB471
470
1.60
0.35
SDS0906TTEB681
680
3.20
0.25
SDS0906TTEB102
1000
4.00
0.22
SDS0906TTEB152
1500
5.20
0.18
SDS0906TTEB222
2200
8.50
0.16
SDS0906TTEB332
3300
11.0
0.12
SDS0906TTEB472
4700
19.0
0.10
SDS0906TTEB682
6800
24.0
0.09
SDS0906TTEB103
10000
38.0
0.07
Part
Designation
Nominal
Inductance
L (µH) @ 1KHz
applications and ratings
DC
Resistance
Maximum
(
Ω)
Allowable
DC Current
Maximum
(Amps)
Operating
Temperature
Range
Inductance
Tolerance
-20°C to +80°C
K: ±10%
Y: ±15%
M: ±20%
K: ±10%
Y: ±15%
M: ±20%
Y: ±15%
M: ±20%
-20°C to +80°C
-20°C to +80°C
1733 Reader's Spreadspg189-328:1570 Reader's Spreadspg189-328
1/27/09
4:58 PM
Page 41


Html Pages

1  2  3  4  5 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
8625-XXXCHOKE Power Chokes 1 Filtran LTD
CBM6068Common Mode Choke Coils 1 Sumida Corporation
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
8626-XXXCHOKE Power Chokes 1 Filtran LTD
CSC042ASMD Power Choke 1 2 Frontier Electronics.
8627-XXXCHOKE Power Chokes 1 Filtran LTD
CSH1250SSMD Power Choke 1 2 Frontier Electronics.
8628-XXXCHOKE Power Chokes 1 Filtran LTD
CSH1260ERSMD Power Choke Shielded 1 Frontier Electronics.

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn