Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA6505 Datasheet(PDF) 8 Page - Sanyo Semicon Device

No. de pieza LA6505
Descripción Electrónicos  For CD-ROM, DVD-ROM and MD players
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6505 Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LA6505 Datasheet HTML 4Page - Sanyo Semicon Device LA6505 Datasheet HTML 5Page - Sanyo Semicon Device LA6505 Datasheet HTML 6Page - Sanyo Semicon Device LA6505 Datasheet HTML 7Page - Sanyo Semicon Device LA6505 Datasheet HTML 8Page - Sanyo Semicon Device LA6505 Datasheet HTML 9Page - Sanyo Semicon Device LA6505 Datasheet HTML 10Page - Sanyo Semicon Device LA6505 Datasheet HTML 11Page - Sanyo Semicon Device LA6505 Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
LA6505
No.A0595-8/13
Pin Description
Pin No.
Pin
Function
Equivalent circuit
43
42
41
46
45
44
VIN1+
VIN1-
VIN1
VIN2+
VIN2-
VIN2
Channel 1 and channel 2
(BTL amplifier) input.
operational amplifier inputs
and outputs.
3
VIN_LOAD
Loading driver input.
8
7
47
VIN_SLD1
VIN_SLD2
VIN_SLD3
Sled and spindle driver
inputs.
48
VREF_IN
VREF-IN input (VREF
amplifier input).
36
37
38
39
34
35
VO1+
VO1-
VO2+
VO2-
VLOAD+
VLOAD-
Outputs for channel 1,
channel 2, and the loading
driver.
Continued on next page.
10
μA
10
μA
12mA
VIN1/2
VIN1+/VIN2+
VIN1-/VIN2-
GND_S
VCC_S
GND_S
VCC_S
12.5
μA
12.5
μA
VIN_SLD1/
VIN_SLD2
GND_S
VCC_S
VREF_IN
GND_S
8
μA
VCC_S
VO1-/VO1-
VO2-/VO2-
LOAD+/LOAD-
FF
VS_BTL
Devices market with a broken circle are
diodes added for structural reasons.
10
μA
10
μA
12mA
VIN_LOAD
GND_S
VCC_S


Número de pieza similar - LA6505

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA6500 SANYO-LA6500 Datasheet
31Kb / 3P
   Power Operational Amplifier
LA6500 SANYO-LA6500 Datasheet
85Kb / 4P
   Power Operational Amplifier
logo
ON Semiconductor
LA6500 ONSEMI-LA6500 Datasheet
69Kb / 4P
   Power Operational Amplifier
June, 2013
logo
Sanyo Semicon Device
LA6500 SANYO-LA6500_08 Datasheet
85Kb / 4P
   Power Operational Amplifier
LA6501 SANYO-LA6501 Datasheet
51Kb / 3P
   Power Operational Amplifier
More results

Descripción similar - LA6505

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA2586M SONY-CXA2586M Datasheet
91Kb / 8P
   PDIC for CD-ROM/DVD-ROM
logo
Rohm
BA5973FP ROHM-BA5973FP Datasheet
137Kb / 7P
   3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
BH3527FV ROHM-BH3527FV Datasheet
103Kb / 2P
   Line amplifier for CD-ROM/DVD-ROM
logo
List of Unclassifed Man...
BH3527FV ETC2-BH3527FV Datasheet
103Kb / 2P
   Line amplifier for CD-ROM/DVD-ROM
logo
Rohm
BD7956FS ROHM-BD7956FS Datasheet
246Kb / 5P
   7ch Power Driver for CD-ROM, DVD-ROM
BD7904FS ROHM-BD7904FS Datasheet
202Kb / 18P
   5ch Power Driver for CD-ROM, DVD-ROM
BD7903FS ROHM-BD7903FS Datasheet
199Kb / 16P
   5CH Power Driver for CD-ROM, DVD-ROM
BD7902CFS ROHM-BD7902CFS Datasheet
200Kb / 18P
   6CH Power Driver for CD-ROM, DVD-ROM
logo
List of Unclassifed Man...
AMC5902 ETC1-AMC5902 Datasheet
272Kb / 14P
   6CH Motor Driver for CD-ROM, DVD-ROM
logo
Rohm
BD7996EFV ROHM-BD7996EFV Datasheet
171Kb / 5P
   7ch Power Driver for CD-ROM, DVD-ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com