Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM8312 Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

No. de pieza SM8312
Descripción Electrónicos  150KHz, 2A PWM Buck Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMHOP [SamHop Microelectronics Corp.]
Página de inicio  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM8312 Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  SM8312 Datasheet HTML 1Page - SamHop Microelectronics Corp. SM8312 Datasheet HTML 2Page - SamHop Microelectronics Corp. SM8312 Datasheet HTML 3Page - SamHop Microelectronics Corp. SM8312 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM8312 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM8312 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM8312 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM8312 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM8312 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SAMHOP Microelectronics Corp.
SM8312
150KHz, 2A PWM Buck Switching Regulator
1
V1.0 May 17 ,2007
General Description
The SM8312 is a monolithic integrated circuit that
provide all the active functions for a step-down
switching regulator, capable of driving a 2A load
without additional transistor component. Requiring
a minimum number of external component, the
board space can be saved easily. The external
shutdown function can be controlled by TTL logic
level and then come into standby mode. The
internal compensation makes feedback control
have good line and load regulation without external
design. Regarding protected function, thermal
shutdown is to prevent over temperature operating
from damage, and current limit is against over
current operating of the output switch. The SM8312
operates at a switching frequency of 150KHz thus
allowing smaller sized filter components than what
would be needed with lower frequency switching
regulators. Other features include a guaranteed
+4% tolerance on output voltage under specified
input voltage and output load conditions, and +15%
on the oscillator frequency. The output version
included fixed 3.3V, 5V, 12V, and an adjustable
type. The packages are available in a standard
8-lead SOP8 package and a 5-lead TO-263(U).
Features
- 3.3V, 5V, 12V and adjustable output versions
- Adjustable version output voltage range, 1.23V to
37V +4% max over line and load condition
- Available in TO220-5L and TO263-5L packages
- Voltage mode non-synchronous PWM control
- Thermal-shutdown and current-limit protection
- ON/OFF shutdown control input
- Input voltage range up to 40V
- Output load current: 2A
- 150KHz fixed frequency internal oscillator
- Low power standby mode
- Built-in switching transistor on chip
Applications
- Simple High-efficiency step-down(buck) regulator
- Efficient preregulator for linear regulators
- On-card switching regulators
- Positive to negative converter
- Battery Charger
Pin Assignments
( Top View )
TO263-5L
1 VIN
5 SD
4 FB
3 Gnd
2 Output
Metal Tab GND
SOP-8
1
3
2
VIN
FB
OUT
GND
GND
GND
8
6
7
GND
SD
4
5
Pin Descriptions
Name
Description
VIN
Operating voltage input
Output
Switching output
Gnd
Ground
FB
Output voltage feedback control
SD
ON/OFF Shutdown


Número de pieza similar - SM8312

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sharp Corporation
SM8311 SHARP-SM8311 Datasheet
121Kb / 4P
   8-Bit Single-Chip Microcomputer(Controllers For Home Appliances)
SM8313 SHARP-SM8313 Datasheet
121Kb / 4P
   8-Bit Single-Chip Microcomputer(Controllers For Home Appliances)
SM8314 SHARP-SM8314 Datasheet
121Kb / 4P
   8-Bit Single-Chip Microcomputer(Controllers For Home Appliances)
SM8315 SHARP-SM8315 Datasheet
121Kb / 4P
   8-Bit Single-Chip Microcomputer(Controllers For Home Appliances)
More results

Descripción similar - SM8312

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS2496 TSC-TS2496_09 Datasheet
212Kb / 7P
   2A / 150KHz Buck Switching Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1696 YOBON-YB1696 Datasheet
305Kb / 11P
   150KHz, 3A PWM Buck Switching Regulator
logo
SamHop Microelectronics...
SM8303 SAMHOP-SM8303 Datasheet
217Kb / 11P
   150KHz, 3A PWM Buck Switching Regulator
logo
Tiger Electronic Co.,Lt...
AP1509 TGS-AP1509 Datasheet
3Mb / 6P
   150KHz 2A PWM Buck DC/DC
logo
Unisonic Technologies
UC34463 UTC-UC34463 Datasheet
197Kb / 6P
   200KHZ, 2A PWM BUCK SWITCHING REGULATOR
UC34463 UTC-UC34463_15 Datasheet
237Kb / 6P
   200KHZ, 2A PWM BUCK SWITCHING REGULATOR
logo
Diodes Incorporated
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
   150kHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com