Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM6802G Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

No. de pieza SM6802G
Descripción Electrónicos  WHITE / BLUE LED DRIVER FOR LI- ION BATTERY APPLICATION
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMHOP [SamHop Microelectronics Corp.]
Página de inicio  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM6802G Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  SM6802G Datasheet HTML 1Page - SamHop Microelectronics Corp. SM6802G Datasheet HTML 2Page - SamHop Microelectronics Corp. SM6802G Datasheet HTML 3Page - SamHop Microelectronics Corp. SM6802G Datasheet HTML 4Page - SamHop Microelectronics Corp. SM6802G Datasheet HTML 5Page - SamHop Microelectronics Corp. SM6802G Datasheet HTML 6Page - SamHop Microelectronics Corp. SM6802G Datasheet HTML 7Page - SamHop Microelectronics Corp. SM6802G Datasheet HTML 8Page - SamHop Microelectronics Corp. SM6802G Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SAMHOP Microelectronics Corp.
WHITE / BLUE LED DRIVER FOR LI- ION BATTERY APPLICATION
The SM6802/ SM6803/ SM6804 are White/Blue
LED Driver for Li-Ion Battery Application. No
external component is required. Especially good for
use Li-ion battery powered LCD display's backlight
white LEDs. The special circuit design provides
over 90% efficiency in low noise.
The SM6802/SM6803/SM6804 is Integrated with
16-step programmable output sink current for LEDs
brightness control.
Target end applications are color LCD display,
such as mobile phone with color display, smart
phone, PDA, etc.
PIN ASSIGNMENTS
GENERAL DESCRIPTION
FEATURES
* No external component required.
* Programmable output current control, programming
range 25% to 100% in 16 steps for LED brightness
control.
* Initial LED sink current 20 mA
* 2channels (SOT-25), 3 channels (SOT-26/TSOP 6),
4 channels (MSOP-8) available.
* 90% efficiency
* Supply voltage range 3.0 V ~ 5.0 V
* 0.1uA standby current
GENERAL APPLICATIONS
SM6802
2
Device
Name
LED
Number
20mA
Max. LED
Sink Current
20mA
Initial LED
Sink Current
* Small Size Color LCD Backlights
* Mobile Phone, Smart Phone Keypad Backlights.
SM6803
3
20mA
20mA
SM6804
4
20mA
20mA
SOT-26 / TSOP 6
1
3
2
VDD
EN/CTRL
GND
LED1
LED3
LED2
6
4
5
SM6803
MSOP-8
1
3
2
PGND
VDD
EN/CTRL
LED1
LED3
LED2
8
6
7
SM6804
LED4
GND
4
5
SOT-25
1
3
2
VDD
EN/CTRL
GND
LED1
LED2
5
4
SM6802
Page 1
V.1.0 July 12,2007


Número de pieza similar - SM6802G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nippon Precision Circui...
SM6802A NPC-SM6802A Datasheet
213Kb / 15P
   Class-D Stereo Amplifier for Portable Device
SM6802AB NPC-SM6802AB Datasheet
213Kb / 15P
   Class-D Stereo Amplifier for Portable Device
More results

Descripción similar - SM6802G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AMC7110 ETC1-AMC7110 Datasheet
115Kb / 1P
   White/Blue LED Driver for Li-Ion Battery Application
logo
ADDtek Corp
AMC7110 ADDTEK-AMC7110 Datasheet
199Kb / 10P
   WHITE/BLUE LED DRIVER FOR LI-ION BATTERY APPLICATION
JUNE 2007
logo
Vishay Siliconix
SIP12401 VISHAY-SIP12401 Datasheet
154Kb / 7P
   Boost Controller For Double AA Cell or Li-Ion Battery For White LED Application
Rev. C, 03-Sep-07
logo
Taiwan Semiconductor Co...
TS2207A TSC-TS2207A Datasheet
152Kb / 6P
   Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
TS2208A TSC-TS2208A Datasheet
107Kb / 6P
   Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
logo
ACE Technology Co., LTD...
ACE517 ACE-ACE517 Datasheet
213Kb / 8P
   WLED Linear Driver for Li-lon Battery Application
VER 1.2
logo
Maxim Integrated Produc...
MAX17703EVKITA MAXIM-MAX17703EVKITA Datasheet
1Mb / 15P
   MAX17703 in 4.2V Li-Ion Battery Charger Application
Rev 0; 4/21
logo
Rohm
BD99958GW ROHM-BD99958GW Datasheet
8Mb / 130P
   1 to 4-Cell Li-Ion Battery Manager For Application Processors
BD99954MWV ROHM-BD99954MWV Datasheet
3Mb / 130P
   1 to 4-Cell Li-Ion Battery Manager For Application Processors
18. Jul. 2017, Rev.001
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
   Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com