Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM7512FG Datasheet(PDF) 10 Page - SamHop Microelectronics Corp.

No. de pieza SM7512FG
Descripción Electrónicos  3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMHOP [SamHop Microelectronics Corp.]
Página de inicio  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM7512FG Datasheet(HTML) 10 Page - SamHop Microelectronics Corp.

Back Button SM7512FG Datasheet HTML 6Page - SamHop Microelectronics Corp. SM7512FG Datasheet HTML 7Page - SamHop Microelectronics Corp. SM7512FG Datasheet HTML 8Page - SamHop Microelectronics Corp. SM7512FG Datasheet HTML 9Page - SamHop Microelectronics Corp. SM7512FG Datasheet HTML 10Page - SamHop Microelectronics Corp. SM7512FG Datasheet HTML 11Page - SamHop Microelectronics Corp. SM7512FG Datasheet HTML 12Page - SamHop Microelectronics Corp. SM7512FG Datasheet HTML 13Page - SamHop Microelectronics Corp. SM7512FG Datasheet HTML 14Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Page 9
TABLE OF GRAPHS
THD+N Total harmonic distortion plus noise(BTL)
vs Frequency
vs Output power
3,4,5
6,7,8
9,10
11,12
Closed loop response
13
vs Frequency
vs Frequency
FIGURE
Crosstalk
PSRR Power supply ripple rejection(BTL)
SAMHOP Microelectronics Corp.
3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
VOLUME OPERATION
The VOLUME controls the BTL volume when driving speakers and the SE volume when driving headphones.
The pin is controlled with a dc voltage, which should not exceed VDD.
When driving speakers in BTL mode, the VOLUME pin is the only pin that controls the gain. Table 1 shows the
gain for the BTL mode. The voltage listed in the table are for VDD=5V. For a different VDD, the values in the
table scale linearly. If VDD=4V, multiply all the voltages in the table by 4V/5V or 0.8.
Some audio systems require that the gain be limited in the single-ended mode to a level that is comfortable for
headphone listening. Most volume control devices only have one terminal for setting the gain. For example, if
the speaker gain is 20 dB, the gain in the headphone channel is fixed at 14 dB.
Table 1 show a range of voltages for each gain step. There is a gap in the voltage between each gain step.
This gap represents the hysteresis about each trip point in the internal comparator. The hysteresis ensures that
the gain control is monotonic and does not oscillate from one gain step to another. If a potentiometer is used to
adjust the voltage on the control terminals, the gain increases as the potentiometer is turned in one direction
and decreases as it is turned back the other direction. The trip point, where the gain actually changes, is
different depending on whether the voltage is increased or decreased as a result of the hysteresis about each
trip point. The gaps can also be thought of as indeterminate states where the gain could be in the next higher
gain step or the lower gain step depending on the direction the voltage is changing. If using a DAC to control
the volume, set the volume, set the voltage in the middle of each range to ensure that the desired gain is
achieved.
SHUTDOWN MODES
The SM7512 employs a shutdown mode of operation designed to reduce supply current (IDD) to the absolute
minimum level during periods of nonuse for battery-power conservation. The SHUTDOWN input terminal should
be held high during normal operation when the amplifier is in use. Pulling SHUTDOWN low causes the outputs
to mute and the amplifier to enter a low-current state, IDD= 20μA. SHUTDOWN should never be left
unconnected because amplifier operation would be unpredictable.
V.1.4 Revised May 28,2007


Número de pieza similar - SM7512FG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sinopower Semiconductor...
SM7510NSF SINOPWER-SM7510NSF Datasheet
163Kb / 11P
   N-Channel Enhancement Mode MOSFET
SM7510NSFC-TUG SINOPWER-SM7510NSFC-TUG Datasheet
163Kb / 11P
   N-Channel Enhancement Mode MOSFET
logo
SamHop Microelectronics...
SM7511 SAMHOP-SM7511 Datasheet
2Mb / 23P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Sinopower Semiconductor...
SM7511NSK SINOPWER-SM7511NSK Datasheet
239Kb / 10P
   N-Channel Enhancement Mode MOSFET
SM7511NSKC-TRG SINOPWER-SM7511NSKC-TRG Datasheet
239Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results

Descripción similar - SM7512FG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SamHop Microelectronics...
SM7498 SAMHOP-SM7498 Datasheet
789Kb / 13P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
SM7511 SAMHOP-SM7511 Datasheet
2Mb / 23P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
SM7497 SAMHOP-SM7497 Datasheet
712Kb / 12P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
SM7516 SAMHOP-SM7516 Datasheet
343Kb / 13P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
SM7498HL SAMHOP-SM7498HL Datasheet
794Kb / 13P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
   3W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Anpec Electronics Corop...
APA2603 ANPEC-APA2603 Datasheet
503Kb / 25P
   3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
logo
Eutech Microelectronics...
EUA6029 EUTECH-EUA6029 Datasheet
673Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6030A4 TI-TPA6030A4 Datasheet
214Kb / 27P
[Old version datasheet]   3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com