Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM26LV32INSRE4 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza AM26LV32INSRE4
Descripción Electrónicos  LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

AM26LV32INSRE4 Datasheet(HTML) 1 Page - Texas Instruments

  AM26LV32INSRE4 Datasheet HTML 1Page - Texas Instruments AM26LV32INSRE4 Datasheet HTML 2Page - Texas Instruments AM26LV32INSRE4 Datasheet HTML 3Page - Texas Instruments AM26LV32INSRE4 Datasheet HTML 4Page - Texas Instruments AM26LV32INSRE4 Datasheet HTML 5Page - Texas Instruments AM26LV32INSRE4 Datasheet HTML 6Page - Texas Instruments AM26LV32INSRE4 Datasheet HTML 7Page - Texas Instruments AM26LV32INSRE4 Datasheet HTML 8Page - Texas Instruments AM26LV32INSRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
AM26LV32C, AM26LV32I
LOW VOLTAGE HIGHSPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
SLLS202E − MAY 1995 − REVISED JUNE 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Switching Rates up to 32 MHz
D Operates From Single 3.3-V Supply
D Ultra-Low Power Dissipation . . . 27 mW Typ
D Open-Circuit, Short-Circuit, and Terminated
Fail-Safe
D −0.3-V to 5.5-V Common-Mode Range With
±200-mV Sensitivity
D Accepts 5-V Logic Inputs With 3.3-V VCC
D Input Hysteresis . . . 50 mV Typ
D 235 mW With Four Receivers at 32 MHz
D Pin-to-Pin Compatible With AM26C32,
AM26LS32, and MB570
description/ordering information
The AM26LV32, BiCMOS, quadruple, differential line receiver with 3-state outputs is designed to be similar to
TIA/EIA-422-B and ITU Recommendation V.11 receivers with reduced common-mode voltage range due to
reduced supply voltage.
The device is optimized for balanced bus transmission at switching rates up to 32 MHz. The enable function
is common to all four receivers and offers a choice of active-high or active-low inputs. The 3-state outputs permit
connection directly to a bus-organized system. Each device features receiver high input impedance and input
hysteresis for increased noise immunity, and input sensitivity of
±200 mV over a common-mode input voltage
range from −0.3 V to 5.5 V. When the inputs are open circuited, the outputs are in the high logic state. This device
is designed using the Texas Instruments (TI
) proprietary LinIMPACT-C60 technology, facilitating ultra-low
power consumption without sacrificing speed.
This device offers optimum performance when used with the AM26LV31 quadruple line drivers.
The AM26LV32C is characterized for operation from 0
°C to 70°C. The AM26LV32I is characterized for operation
from −45
°C to 85°C.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
AM26LV32CDG4
D
Tape and reel
AM26LV32CDR
AM26LV32C
0
°C to 70°C
D
Tape and reel
AM26LV32CDRG4
AM26LV32C
0 C to 70 C
NS
Tube
AM26LV32CNS
26LV32
NS
Tape and reel
AM26LV32CNSR
26LV32
SOP – D
Tube
AM26LV32ID
AM26LV32I
−40
°C to 85°C
SOP – D
Tube
AM26LV32IDR
AM26LV32I
−40
°C to 85°C
SOP – NS
Tube
AM26LV32INS
26LV32I
SOP – NS
Tape and reel
AM26LV32INSR
26LV32I
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB
design guidelines are available at www.ti.com/sc/package.
Copyright
 2005, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
LinIMPACT-C60 and TI are trademarks of Texas Instruments.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
1Y
G
2Y
2A
2B
GND
VCC
4B
4A
4Y
G
3Y
3A
3B
D OR NS† PACKAGE
(TOP VIEW)


Número de pieza similar - AM26LV32INSRE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AM26LV32INSRE4 TI-AM26LV32INSRE4 Datasheet
523Kb / 21P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV32INSRE4 TI-AM26LV32INSRE4 Datasheet
671Kb / 22P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results

Descripción similar - AM26LV32INSRE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
AM26LV32C TI-AM26LV32C_08 Datasheet
671Kb / 22P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV32C TI-AM26LV32C Datasheet
523Kb / 21P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV31C TI-AM26LV31C Datasheet
247Kb / 12P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26LV31 TI-AM26LV31 Datasheet
113Kb / 8P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER
REVISED DECEMBER 1999
AM26LV31C TI-AM26LV31C_07 Datasheet
393Kb / 14P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26LV31C TI-AM26LV31C_08 Datasheet
500Kb / 15P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32_07 Datasheet
691Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com