Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
1N3823A Datasheet(PDF) 1 Page - Micro Commercial Components |
|
1N3823A Datasheet(HTML) 1 Page - Micro Commercial Components |
1 / 4 page 1N3821A THRU 1N3828A 1.0 Watt Zener Diode 3.3 to 6.2 Volts DO-41G Features • Double Plug Construction • Metallurgically Bound Maximum Ratings & Thermal Characteristics Ratings at 25° C ambient temperature unless otherwise specified. Parameter Symbol Value Unit Power Dissipation at TL = 95° C Ptot 1.0 Operating Temperature Tj -65 ~ +175 Storage Temperature Range TSTG -65 ~ +175 oC Forward Voltage at IF=200mA 1.2 VF V omponents 20736 Marilla Street Chatsworth !"# $% !"# M C C Revision: 5 2008/07/30 TM Micro Commercial Components Marking: CathodeBand and Type Number W Power Derating AbroveTL = 95° C 12.5 oC mW/ www.mccsemi.com 1 of 4 A B C D D Cathode Mark • Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information) oC Note: 1. Lead in Glass Exemption Applied, see EU Directive Annex 5. - - - - - - - - - - 4 . 5 0 0 . 1 7 7 MIN M A X MIN M A X A D I M E N S I O N S D I M I N C H E S M M N O T E - - - - - - - - - - C 0 . 0 2 6 0 . 0 3 4 0.70 0.90 D i a m e t e r D 1 . 0 0 0 ----- 2 5 . 4 0 ----- B 2 . 8 0 0 . 1 1 0 D i a m e t e r |
Número de pieza similar - 1N3823A |
|
Descripción similar - 1N3823A |