Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDM-20M-1.5G Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

No. de pieza CDM-20M-1.5G
Descripción Electrónicos  DUAL DIRECTIONAL COUPLERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MERRIMAC [Merrimac Industries, Inc.]
Página de inicio  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

CDM-20M-1.5G Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  CDM-20M-1.5G Datasheet HTML 1Page - Merrimac Industries, Inc. CDM-20M-1.5G Datasheet HTML 2Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRINCIPAL SPECIFICATIONS
Frequency
Nominal
Frequency
Directivity *Insertion
VSWR, Max.
Model
Range,
Coupling,¤
Sensitivity,
dB,
Loss, dB,
Main
Coupled Outline
Number
GHz
dB
dB, Max.
Min.
Max.
Line
Lines
Ref.
CDM-10M-.75G
0.5 - 1.0
10
±1.25
± 0.8
22
1.50
1.15:1
1.10:1
1
CDM-20M-.75G
20
±1.25
0.50
1
CDM-30M-.75G
30
±1.25
0.40
2
CDM-10M-1.5G
1.0 - 2.0
10
±1.25
± 0.8
22
1.50
1.15:1
1.10:1
3
CDM-20M-1.5G
20
±1.25
0.50
3
CDM-30M-1.5G
30
±1.25
0.40
4
CDM-10M-3G
2.0 - 4.0
10
±1.25
± 0.8
20
1.50
1.20:1
1.15:1
5
CDM-20M-3G
20
±1.25
0.50
5
CDM-30M-3G
30
±1.25
0.40
6
CDM-10M-4G
2.6 - 5.2
10
±1.25
± 0.8
18
1.50
1.30:1
1.25:1
7
CDM-20M-4G
20
±1.25
0.50
7
CDM-30M-4G
30
±1.25
0.40
8
CDM-10M-6G
4.0 - 8.0
10
±1.25
± 0.8
18
1.70
1.35:1
1.25:1
7
CDM-20M-6G
20
±1.25
0.50
7
CDM-30M-6G
30
±1.25
0.40
8
CDM-10M-10G
7.0 - 12.4
10
±1.25
± 0.6
16
1.90
1.35:1
1.30:1
7
CDM-20M-10G
20
±1.25
0.70
7
CDM-30M-10G
30
±1.25
0.60
8
CDM-10M-12G
8.0 - 16.0
10
±1.25
± 0.8
15
2.20
1.40:1
1.40:1
7
CDM-20M-12G
20
±1.25
1.00
9
CDM-30M-12G
30
±1.25
1.00
9
CDM-20M-15G
12.4 - 18.0
20
±1.25
± 0.6
15
1.00
1.40:1
1.40:1
9
CDM-30M-15G
30
±1.25
1.00
9
¤Coupling is referenced to the input and includes frequency sensitivity
* Insertion Loss including Coupling Loss
CDM-M-G Series
DUAL DIRECTIONAL COUPLERS
500 MHz to 18 GHz / Stripline Octave Bandwidths / 10, 20, 30 dB Coupling / 50 W / Low Cost / SMA
For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
GENERAL SPECIFICATIONS
Impedance:
50
Ω nom.
Operating Temperature: -- 55° to +85°C
SMA Connectors:
Female, to meet the
interface rqts.
of MIL-C-39012.
N type connectors:
see CDN-M series
Other frequency bands: Available option
POWER SPECIFICATIONS
Coupled Power ‘‘Loss’’:
10 dB section:
0.46 dB
20 dB section:
0.044 dB
30 dB section:
0.004 dB
Peak Power:
CDM-M-12G:
2 kW max.
CDM-M-15G:
1 kW max.
All Others:
3 kW max.
Input Power (Forward):
50 Watts max.
21Feb96


Número de pieza similar - CDM-20M-1.5G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CUI INC
CDM-20008 CUI-CDM-20008 Datasheet
1Mb / 4P
   metal frame
logo
CUI Devices
CDM-20008 CUID-CDM-20008 Datasheet
1Mb / 4P
   SPEAKER
08/05/2022
logo
List of Unclassifed Man...
CDM-20210 ETC-CDM-20210 Datasheet
261Kb / 17P
   LCD component
More results

Descripción similar - CDM-20M-1.5G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Merrimac Industries, In...
CGN-30-0.9G MERRIMAC-CGN-30-0.9G Datasheet
230Kb / 2P
   DUAL DIRECTIONAL COUPLERS
logo
Tyco Electronics
CH20 MACOM-CH20 Datasheet
220Kb / 2P
   HIGH POWER DUAL DIRECTIONAL COUPLERS
logo
SYNERGY MICROWAVE CORPO...
KEK-704DH SYNERGY-KEK-704DH Datasheet
25Kb / 1P
   DUAL HIGH POWER DIRECTIONAL COUPLERS
logo
Merrimac Industries, In...
CSM-6M-.75G MERRIMAC-CSM-6M-.75G Datasheet
47Kb / 2P
   DIRECTIONAL COUPLERS
CWM-10M-2.3G MERRIMAC-CWM-10M-2.3G Datasheet
111Kb / 2P
   DIRECTIONAL COUPLERS
CRM-10-50 MERRIMAC-CRM-10-50 Datasheet
163Kb / 2P
   DIRECTIONAL COUPLERS
CRS-10-165 MERRIMAC-CRS-10-165 Datasheet
88Kb / 1P
   DIRECTIONAL COUPLERS
CSD-10H-1.9G MERRIMAC-CSD-10H-1.9G Datasheet
177Kb / 5P
   DIRECTIONAL COUPLERS
logo
Anaren Microwave
10930-6 ANAREN-10930-6_14 Datasheet
159Kb / 4P
   Directional Couplers
1X505 ANAREN-1X505 Datasheet
83Kb / 2P
   Directional Couplers
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com