Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD40107BPW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD40107BPW
Descripción Electrónicos  CMOS DUAL 2-INPUT NAND BUFFER/DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD40107BPW Datasheet(HTML) 1 Page - Texas Instruments

  CD40107BPW Datasheet HTML 1Page - Texas Instruments CD40107BPW Datasheet HTML 2Page - Texas Instruments CD40107BPW Datasheet HTML 3Page - Texas Instruments CD40107BPW Datasheet HTML 4Page - Texas Instruments CD40107BPW Datasheet HTML 5Page - Texas Instruments CD40107BPW Datasheet HTML 6Page - Texas Instruments CD40107BPW Datasheet HTML 7Page - Texas Instruments CD40107BPW Datasheet HTML 8Page - Texas Instruments CD40107BPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Data sheet acquired from Harris Semiconductor
SCHS098D − Revised October 2003
The CD40107B is a dual 2-input NAND
buffer/driver
containing
two
independent
2-input NAND buffers with open-drain single
n-channel transistor outputs. This device
features a wired-OR capability and high output
sink
current
capability
(136
mA
typ.
at
VDD = 10 V, VDS = 1 V). The CD40107B is
supplied in 8-lead hermetic dual-in-line ceramic
packages (F3A
suffix),
8-lead dual-in-line
plastic packages (E suffix), 8-lead small-outline
packages (M, M96, MT, and PSR suffixes), and
8-lead thin shrink small-outline packages (PW
and PWR suffixes).
Copyright
 2003, Texas Instruments Incorporated


Número de pieza similar - CD40107BPW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CD40107BMS INTERSIL-CD40107BMS Datasheet
57Kb / 7P
   CMOS Dual 2 Input NAND Buffer/Driver
December 1992
More results

Descripción similar - CD40107BPW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CD40107BMS INTERSIL-CD40107BMS Datasheet
57Kb / 7P
   CMOS Dual 2 Input NAND Buffer/Driver
December 1992
logo
STMicroelectronics
HCC40107B STMICROELECTRONICS-HCC40107B Datasheet
270Kb / 14P
   DUAL 2-INPUT NAND BUFFER/DRIVER
logo
List of Unclassifed Man...
MMC40107 ETC-MMC40107 Datasheet
135Kb / 4P
   DUAL 2-INPUT NAND BUFFER/DRIVER
logo
STMicroelectronics
HCF40107B STMICROELECTRONICS-HCF40107B_02 Datasheet
617Kb / 11P
   DUAL 2-INPUT NAND BUFFER/DRIVER
logo
Motorola, Inc
SN54LS38 MOTOROLA-SN54LS38 Datasheet
122Kb / 4P
   QUAD 2-INPUT NAND BUFFER
logo
List of Unclassifed Man...
T74LS37 ETC2-T74LS37 Datasheet
169Kb / 3P
   quad 2-input nand buffer
logo
Motorola, Inc
SN54LS26 MOTOROLA-SN54LS26 Datasheet
122Kb / 4P
   QUAD 2-INPUT NAND BUFFER
logo
Fairchild Semiconductor
DM74ALS1000A FAIRCHILD-DM74ALS1000A Datasheet
46Kb / 4P
   Quadruple 2-Input NAND Buffer
DM74ALS37A FAIRCHILD-DM74ALS37A Datasheet
46Kb / 4P
   Quadruple 2-Input NAND Buffer
logo
NXP Semiconductors
74F37 PHILIPS-74F37 Datasheet
69Kb / 8P
   Quad 2-input NAND buffer
1990 May 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com