Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD4028BMT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD4028BMT
Descripción Electrónicos  BCD-TO-CECIMAL DECODER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD4028BMT Datasheet(HTML) 10 Page - Texas Instruments

Back Button CD4028BMT Datasheet HTML 3Page - Texas Instruments CD4028BMT Datasheet HTML 4Page - Texas Instruments CD4028BMT Datasheet HTML 5Page - Texas Instruments CD4028BMT Datasheet HTML 6Page - Texas Instruments CD4028BMT Datasheet HTML 7Page - Texas Instruments CD4028BMT Datasheet HTML 8Page - Texas Instruments CD4028BMT Datasheet HTML 9Page - Texas Instruments CD4028BMT Datasheet HTML 10Page - Texas Instruments CD4028BMT Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Número de pieza similar - CD4028BMT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD4028BMT TI-CD4028BMT Datasheet
800Kb / 15P
[Old version datasheet]   BCD-to-Decimal Decoder
CD4028BMT TI1-CD4028BMT Datasheet
1Mb / 17P
[Old version datasheet]   BCD-to-Decimal Decoder
CD4028BMTE4 TI-CD4028BMTE4 Datasheet
800Kb / 15P
[Old version datasheet]   BCD-to-Decimal Decoder
CD4028BMTG4 TI-CD4028BMTG4 Datasheet
800Kb / 15P
[Old version datasheet]   BCD-to-Decimal Decoder
More results

Descripción similar - CD4028BMT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
DM7442A FAIRCHILD-DM7442A Datasheet
41Kb / 4P
   BCD to Decimal Decoder
CD4028BC FAIRCHILD-CD4028BC_02 Datasheet
76Kb / 6P
   BCD-to-Decimal Decoder
logo
Microsemi Corporation
TSC382 MICROSEMI-TSC382 Datasheet
445Kb / 3P
   BCD-to-Decoder/Drivers
logo
National Semiconductor ...
CD4028BM NSC-CD4028BM Datasheet
116Kb / 4P
   BCD-to-Decimal Decoder
MM54C42 NSC-MM54C42 Datasheet
107Kb / 4P
   BCD-to-Decimal Decoder
logo
Micro Electronics
MCC4028 MICRO-ELECTRONICS-MCC4028 Datasheet
136Kb / 4P
   BCD-TO-DECIMAL DECODER
logo
Nexperia B.V. All right...
HEF4028B NEXPERIA-HEF4028B Datasheet
209Kb / 10P
   BCD to decimal decoder
Rev. 10 - 7 December 2021
logo
STMicroelectronics
HCC4028B STMICROELECTRONICS-HCC4028B Datasheet
304Kb / 14P
   BCD-TO-DECIMAL DECODER
M54HC42 STMICROELECTRONICS-M54HC42 Datasheet
246Kb / 10P
   BCD TO DECIMAL DECODER
logo
Toshiba Semiconductor
TC74HC42AP TOSHIBA-TC74HC42AP Datasheet
225Kb / 6P
   BCD-TO-DECIMAL DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com