Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMA-04A Datasheet(PDF) 1 Page - Frequency Devices, Inc.

No. de pieza FMA-04A
Descripción Electrónicos  Single Channel Filter Mounting Assembly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREQUENCYDEVICES [Frequency Devices, Inc.]
Página de inicio  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

FMA-04A Datasheet(HTML) 1 Page - Frequency Devices, Inc.

  FMA-04A Datasheet HTML 1Page - Frequency Devices, Inc. FMA-04A Datasheet HTML 2Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
For 818 Series Modules
FMA-04A
Single Channel
Filter Mounting Assembly
Description
The FMA-04A is a filter mounting assembly that
eliminates the need to breadboard or hand-wire filter
modules into individual test set-ups. The FMA-04A
is a factory assembled 3" x 5" printed-circuit board
with socket pins for filter insertion, various electronic
components, screw terminal connection for power
and BNC connectors for signal input/output. FMA-
04A’s will operate any of the low-pass or high-pass
818 programmable series filter modules.
Features/Benefits:
• No more building of breadboards.
• Utilized as a single channel bench-top test set or
rack mounted via mounting holes for
instrumentation applications.
• Accepts a broad range of programmable filter
modules allowing for selected cut-off frequencies
and transfer functions specific to each
application.
• Provide quick and easy connection between
circuit card and wired electrical circuits.
• All external connections are easily made with a
screwdriver, reducing engineering design, set-up
and test time.
Applications
• Aerospace, navigation, sonar applications
• ATE, research and development
• Automotive and transportation
• Communication systems and electronics
• Data acquisition systems
• Industrial process control
• Medical electronics equip. and research
• Sound and vibration testing
• Noise elimination
• Signal reconstruction
Low-Pass Filters Available
818
8-pole
1.00 kHz to 1.28 MHz
High-Pass Filters Available
818
8-pole
1.00 kHz to 1.28 MHz
1


Número de pieza similar - FMA-04A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Frequency Devices, Inc.
FMA-01S FREQUENCYDEVICES-FMA-01S Datasheet
146Kb / 3P
   Single Channel Filter Mounting Assembly
FMA-02A FREQUENCYDEVICES-FMA-02A Datasheet
395Kb / 2P
   Single Channel Filter Mounting Assembly
FMA-03A FREQUENCYDEVICES-FMA-03A Datasheet
541Kb / 2P
   Single Channel Filter Mounting Assembly
More results

Descripción similar - FMA-04A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Frequency Devices, Inc.
FMA-01S FREQUENCYDEVICES-FMA-01S Datasheet
146Kb / 3P
   Single Channel Filter Mounting Assembly
FMA-02A FREQUENCYDEVICES-FMA-02A Datasheet
395Kb / 2P
   Single Channel Filter Mounting Assembly
FMA-03A FREQUENCYDEVICES-FMA-03A Datasheet
541Kb / 2P
   Single Channel Filter Mounting Assembly
FIB1 FREQUENCYDEVICES-FIB1 Datasheet
101Kb / 1P
   Single Channel Filter Mounting Box
FMA-PS FREQUENCYDEVICES-FMA-PS Datasheet
151Kb / 2P
   Filter Mounting Assembly
logo
PREMO CORPORATION S.L
FAM_FILE00000047 PREMO-FAM_FILE00000047 Datasheet
127Kb / 1P
   CHASSIS MOUNTING SINGLE STAGE FILTER
logo
SG Micro Corp
SGM9152 SGMICRO-SGM9152 Datasheet
461Kb / 12P
   Single Channel, Video Filter
logo
List of Unclassifed Man...
FN405-3-02 ETC2-FN405-3-02 Datasheet
202Kb / 3P
   PCB-mounting filter
L21402L ETC2-L21402L Datasheet
71Kb / 1P
   Chassis mounting filter
logo
Schaffner International...
FN-405 SCHAFFNER-FN-405 Datasheet
1Mb / 3P
   PCB-mounting filter
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com