Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD4508BPWR Datasheet(PDF) 8 Page - Texas Instruments |
|
CD4508BPWR Datasheet(HTML) 8 Page - Texas Instruments |
8 / 14 page MECHANICAL DATA MCDI005 – JANUARY 1998 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 JD (R-CDIP-T**) CERAMIC SIDE-BRAZE DUAL-IN-LINE PACKAGE 24 PINS SHOWN 0.590 (14,99) 0.620 (15,75) TYP 0.590 (15,00) 52 0.012 (0,30) 0.008 (0,20) 48 2.435 40 2.050 0.020 (0,51) MIN 0.125 (3,18) MIN (61,85) (52,07) (67,31) 2.650 4040087/B 04/95 Seating Plane A 13 12 0.045 (1,14) 0.065 (1,65) 24 1 0.075 (1,91) MAX (4 Places) 28 24 PINS ** 0.021 (0,53) 0.015 (0,38) 1.250 (31,75) DIM A MAX 0.175 (4,45) 0.140 (3,56) (36,83) 1.450 0.100 (2,54) 0 °–15° NOTES: A. All linear dimensions are in inches (millimeters). B. This drawing is subject to change without notice. C. This package is hermetically sealed with a metal lid. D. The terminals are gold-plated. |
Número de pieza similar - CD4508BPWR |
|
Descripción similar - CD4508BPWR |