Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD74HC4052 Datasheet(PDF) 11 Page - Texas Instruments |
|
|
CD74HC4052 Datasheet(HTML) 11 Page - Texas Instruments |
11 / 27 page 11 Crosstalk Between any Two Switches (Note 10) See Figure 4 (Notes 8, 9) 4051 -2.25 2.25 N/A dB 4052 (TBE) dB 4053 (TBE) dB 4051 -4.5 4.5 N/A dB 4052 (TBE) dB 4053 (TBE) dB Sinewave Distortion See Figure 5 All -2.25 2.25 0.035 % All -4.5 4.5 0.018 % E or S to Switch Feedthrough Noise See Figure 6 (Notes 8, 9) 4051 -2.25 2.25 (TBE) mV 4052 mV 4053 mV 4051 -4.5 4.5 (TBE) mV 4052 mV 4053 mV Switch “OFF” Signal Feedthrough (Figures 13, 15, 17) See Figure 7 (Notes 8, 9) 4051 -2.25 2.25 -73 dB 4052 -65 dB 4053 -64 dB 4051 -4.5 4.5 -75 dB 4052 -67 dB 4053 -66 dB NOTES: 7. Adjust input voltage to obtain 0dBm at VOS for fIN = 1MHz. 8. VIS is centered at (VCC - VEE)/2. 9. Adjust input for 0dBm. 10. Not applicable for HC/HCT4051. Analog Channel Specifications Typical Values at TA = 25oC PARAMETER TEST CONDITIONS HC/HCT TYPES VEE (V) VCC (V) HC/ HCT UNITS ’HC4051, ’HCT4051, ’HC4052, CD74HCT4052, ’HC4053, CD74HCT4053 ’HC4051, ’HCT4051, ’HC4052, CD74HCT4052, ’HC4053, CD74HCT4053 |
Número de pieza similar - CD74HC4052 |
|
Descripción similar - CD74HC4052 |