Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS6445MRGCTEP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS6445MRGCTEP
Descripción Electrónicos  QUAD CHANNEL, 14 BIT, 125 MSPS ADC WITH SERIAL LVDS OUTPUTS
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

ADS6445MRGCTEP Datasheet(HTML) 3 Page - Texas Instruments

  ADS6445MRGCTEP Datasheet HTML 1Page - Texas Instruments ADS6445MRGCTEP Datasheet HTML 2Page - Texas Instruments ADS6445MRGCTEP Datasheet HTML 3Page - Texas Instruments ADS6445MRGCTEP Datasheet HTML 4Page - Texas Instruments ADS6445MRGCTEP Datasheet HTML 5Page - Texas Instruments ADS6445MRGCTEP Datasheet HTML 6Page - Texas Instruments ADS6445MRGCTEP Datasheet HTML 7Page - Texas Instruments ADS6445MRGCTEP Datasheet HTML 8Page - Texas Instruments ADS6445MRGCTEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 71 page
background image
Reference
INA_P
INA_M
CLKP
CLKM
VCM
DCLKP
DCLKM
ADS644x
SHA
FCLKP
FCLKM
INB_P
INB_M
SHA
SHA
SHA
INC_P
INC_M
IND_P
IND_M
PLL
BIT Clock
FRAME Clock
DA0_P
DA1_P
DA0_M
DA1_M
DB0_P
DB1_P
DB0_M
DB1_M
DC0_P
DC1_P
DC0_M
DC1_M
DD0_P
DD1_P
DD0_M
DD1_M
Serial
Interface
Parallel
Interface
14Bit
ADC
14Bit
ADC
14Bit
ADC
14Bit
ADC
Digital
Encoder
and
Serializer
Digital
Encoder
and
Serializer
Digital
Encoder
and
Serializer
Digital
Encoder
and
Serializer
B0199-03
ADS6445-EP
www.ti.com ............................................................................................................................................................................................ SLAS573 – FEBRUARY 2008
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PACKAGE/ORDERING INFORMATION(1)
SPECIFIED
TRANSPORT
PACKAGE
JUNCTION
PACKAGE
PRODUCT
PACKAGE-LEAD
ORDERING NUMBER
MEDIA,
DESIGNATOR(2)
TEMPERATURE
MARKING
QUANTITY
RANGE
ADS6445
QFN-64(3)
RGC
–55°C to 125°C
6445EP
ADS6445MRGCTEP
250, Tape/reel
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
For thermal pad size on the package, see the mechanical drawings at the end of this data sheet.
θ
JA = 23.17 °C/W (0 LFM air flow), θJC
= 22.1 °C/W when used with 2 oz. copper trace and pad soldered directly to a JEDEC standard four layer 3 in. x 3 in. PCB.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS6445-EP


Número de pieza similar - ADS6445MRGCTEP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS6445MRGCTEP TI1-ADS6445MRGCTEP Datasheet
2Mb / 66P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125/105 MSPS ADC WITH SERIAL LVDS OUTPUTS
More results

Descripción similar - ADS6445MRGCTEP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS6445-EP TI1-ADS6445-EP_13 Datasheet
2Mb / 66P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125/105 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
STMicroelectronics
ADS6445 STMICROELECTRONICS-ADS6445 Datasheet
2Mb / 75P
   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Texas Instruments
ADS6445 TI-ADS6445_10 Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445 TI-ADS6445_09 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445 TI1-ADS6445_14 Datasheet
3Mb / 82P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6425 TI-ADS6425 Datasheet
1Mb / 56P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6425 TI1-ADS6425_14 Datasheet
2Mb / 60P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6245 TI-ADS6245 Datasheet
3Mb / 76P
[Old version datasheet]   DUAL CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Analog Devices
AD9259 AD-AD9259_15 Datasheet
1Mb / 52P
   Quad, 14-Bit, 50 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9645 AD-AD9645 Datasheet
966Kb / 36P
   Dual, 14-Bit, 80 MSPS/125 MSPS, Serial LVDS
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com