Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS6445MRGCTEP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS6445MRGCTEP
Descripción Electrónicos  QUAD CHANNEL, 14 BIT, 125 MSPS ADC WITH SERIAL LVDS OUTPUTS
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

ADS6445MRGCTEP Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS6445MRGCTEP Datasheet HTML 4Page - Texas Instruments ADS6445MRGCTEP Datasheet HTML 5Page - Texas Instruments ADS6445MRGCTEP Datasheet HTML 6Page - Texas Instruments ADS6445MRGCTEP Datasheet HTML 7Page - Texas Instruments ADS6445MRGCTEP Datasheet HTML 8Page - Texas Instruments ADS6445MRGCTEP Datasheet HTML 9Page - Texas Instruments ADS6445MRGCTEP Datasheet HTML 10Page - Texas Instruments ADS6445MRGCTEP Datasheet HTML 11Page - Texas Instruments ADS6445MRGCTEP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 71 page
background image
DIGITAL CHARACTERISTICS
ADS6445-EP
SLAS573 – FEBRUARY 2008 ............................................................................................................................................................................................ www.ti.com
The DC specifications refer to the condition where the digital outputs are not switching, but are permanently at a valid logic
level 0 or 1 AVDD = LVDD = 3.3 V, IO = 3.5 mA, RLOAD = 100 Ω
(1).
All LVDS specifications are characterized, but not tested at production.
ASD6445
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
DIGITAL INPUTS
High-level input voltage
2.4
V
Low-level input voltage
0.8
V
High-level input current
10
µA
Low-level input current
10
µA
Input capacitance
4
pF
DIGITAL OUTPUTS
High-level output voltage
1375
mV
Low-level output voltage
1025
mV
Output differential voltage |VOD|
250
350
450
mV
Output offset voltage VOS
Common-mode voltage of OUTP and OUTM
1200
mV
Output capacitance inside the device, from either output to
2
pF
Output capacitance
ground
(1)
IO refers to the LVDS buffer current setting, RLOAD is the external differential load resistance between the LVDS output pair.
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS6445-EP


Número de pieza similar - ADS6445MRGCTEP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS6445MRGCTEP TI1-ADS6445MRGCTEP Datasheet
2Mb / 66P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125/105 MSPS ADC WITH SERIAL LVDS OUTPUTS
More results

Descripción similar - ADS6445MRGCTEP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS6445-EP TI1-ADS6445-EP_13 Datasheet
2Mb / 66P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125/105 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
STMicroelectronics
ADS6445 STMICROELECTRONICS-ADS6445 Datasheet
2Mb / 75P
   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Texas Instruments
ADS6445 TI-ADS6445_10 Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445 TI-ADS6445_09 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445 TI1-ADS6445_14 Datasheet
3Mb / 82P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6425 TI-ADS6425 Datasheet
1Mb / 56P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6425 TI1-ADS6425_14 Datasheet
2Mb / 60P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6245 TI-ADS6245 Datasheet
3Mb / 76P
[Old version datasheet]   DUAL CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Analog Devices
AD9259 AD-AD9259_15 Datasheet
1Mb / 52P
   Quad, 14-Bit, 50 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9645 AD-AD9645 Datasheet
966Kb / 36P
   Dual, 14-Bit, 80 MSPS/125 MSPS, Serial LVDS
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com