Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N6226 Datasheet(PDF) 2 Page - Savantic, Inc.

No. de pieza 2N6226
Descripción Electrónicos  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAVANTIC [Savantic, Inc.]
Página de inicio  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2N6226 Datasheet(HTML) 2 Page - Savantic, Inc.

  2N6226 Datasheet HTML 1Page - Savantic, Inc. 2N6226 Datasheet HTML 2Page - Savantic, Inc. 2N6226 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon PNP Power Transistors
2N6226 2N6227 2N6228
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2N6226
-100
2N6227
-120
VCEO(SUS)
Collector-emitter
sustaining voltage
2N6228
IC=-0.2A ;IB=0
-140
V
VCEsat
Collector-emitter saturation voltage
IC=-4A; IB=-0.4A
-1.2
V
VBE
Base-emitter on voltage
IC=-3A ; VCE=-2V
-1.8
V
ICEO
Collector cut-off current
VCE=Rated VCEO; IB=0
-5.0
mA
ICBO
Collector cut-off current
VCB=Rated VCBO; IE=0
-1.0
mA
IEBO
Emitter cut-off current
VEB=-7V; IC=0
-0.1
mA
2N6226
25
100
2N6227
20
80
hFE
DC current gain
2N6228
IC=-3A ; VCE=-2V
15
60
fT
Transition frequency
IC=-0.5A ; VCE=-4V
1
MHz


Número de pieza similar - 2N6226

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seme LAB
2N6226 SEME-LAB-2N6226 Datasheet
11Kb / 1P
   Bipolar PNP Device
logo
Quanzhou Jinmei Electro...
2N6226 JMNIC-2N6226 Datasheet
112Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2N6226 ISC-2N6226 Datasheet
130Kb / 3P
   Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2N6226 NJSEMI-2N6226 Datasheet
151Kb / 1P
   6 AMPERE POWER TRANSISTORS
logo
Savantic, Inc.
2N6226 SAVANTIC-2N6226 Datasheet
113Kb / 3P
   Silicon PNP Power Transistors
More results

Descripción similar - 2N6226

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com