Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD242B Datasheet(PDF) 1 Page - Savantic, Inc.

No. de pieza BD242B
Descripción Electrónicos  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAVANTIC [Savantic, Inc.]
Página de inicio  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

BD242B Datasheet(HTML) 1 Page - Savantic, Inc.

  BD242B Datasheet HTML 1Page - Savantic, Inc. BD242B Datasheet HTML 2Page - Savantic, Inc. BD242B Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
BD242/A/B/C
DESCRIPTION
·With TO-220C package
·Complement to type BD241/A/B/C
APPLICATIONS
·For medium power linear and
switching applications
PINNING
PIN
DESCRIPTION
1
Emitter
2
Collector;connected to
mounting base
3
Base
Absolute maximum ratings (Ta=25 )
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
BD242
-55
BD242A
-70
BD242B
-90
VCBO
Collector-base voltage
BD242C
Open emitter
-115
V
BD242
-45
BD242A
-60
BD242B
-80
VCEO
Collector-emitter voltage
BD242C
Open base
-100
V
VEBO
Emitter-base voltage
Open collector
-5
V
IC
Collector current
-3
A
ICM
Collector current-peak
-5
A
IB
Base current
-1
A
PC
Collector power dissipation
TC=25
40
W
Tj
Junction temperature
150
Tstg
Storage temperature
-65~150


Número de pieza similar - BD242B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
BD242B MOSPEC-BD242B Datasheet
133Kb / 3P
   POWER TRANSISTORS(3A,40W)
logo
Comset Semiconductor
BD242B COMSET-BD242B Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
logo
Motorola, Inc
BD242B MOTOROLA-BD242B Datasheet
139Kb / 6P
   Complementary Silicon Plastic Power Transistors
logo
ON Semiconductor
BD242B ONSEMI-BD242B Datasheet
155Kb / 6P
   Complementary Silicon Plastic Power Transistors 80??00 VOLTS
October, 2011 ??Rev. 8
logo
Power Innovations Ltd
BD242B POINN-BD242B Datasheet
87Kb / 6P
   PNP SILICON POWER TRANSISTORS
More results

Descripción similar - BD242B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com