Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD243B Datasheet(PDF) 2 Page - Savantic, Inc.

No. de pieza BD243B
Descripción Electrónicos  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAVANTIC [Savantic, Inc.]
Página de inicio  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

BD243B Datasheet(HTML) 2 Page - Savantic, Inc.

  BD243B Datasheet HTML 1Page - Savantic, Inc. BD243B Datasheet HTML 2Page - Savantic, Inc. BD243B Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BD243/A/B/C
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BD243
45
BD243A
60
BD243B
80
VCEO(SUS)
Collector-emitter
sustaining voltage
BD243C
IC=30mA; IB=0
100
V
VCEsat
Collector-emitter saturation voltage
IC=6A;IB=1 A
1.5
V
VBE
Base-emitter on voltage
IC=6A ; VCE=4V
2.0
V
BD243/A
VCE=30V; IB=0
ICEO
Collector cut-off current
BD243B/C
VCE=60V; IB=0
0.7
mA
BD243
VCE=45V; VBE=0
BD243A
VCE=60V; VBE=0
BD243B
VCE=80V; VBE=0
ICES
Collector cut-off current
BD243C
VCE=100V; VBE=0
0.4
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
1
mA
hFE-1
DC current gain
IC=0.3A ; VCE=4V
30
hFE-2
DC current gain
IC=3A ; VCE=4V
15


Número de pieza similar - BD243B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
BD243B MOSPEC-BD243B Datasheet
127Kb / 3P
   POWER TRANSISTORS(6A,65W)
logo
Bourns Electronic Solut...
BD243B BOURNS-BD243B Datasheet
1Mb / 4P
   Designed for Complementary Use with the BD244 Series
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
   Complementary Silicon Plastic Power Transistors
logo
Inchange Semiconductor ...
BD243B ISC-BD243B Datasheet
191Kb / 2P
   isc Silicon NPN Power Transistor
logo
ON Semiconductor
BD243B ONSEMI-BD243B Datasheet
140Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 7
More results

Descripción similar - BD243B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com