Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BDV64 Datasheet(PDF) 2 Page - Savantic, Inc.

No. de pieza BDV64
Descripción Electrónicos  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAVANTIC [Savantic, Inc.]
Página de inicio  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

BDV64 Datasheet(HTML) 2 Page - Savantic, Inc.

  BDV64 Datasheet HTML 1Page - Savantic, Inc. BDV64 Datasheet HTML 2Page - Savantic, Inc. BDV64 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon PNP Power Transistors
BDV64/64A/64B/64C
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BDV64
-60
BDV64A
-80
BDV64B
-100
V(BR)CEO
Collector-emitter
breakdown voltage
BDV64C
IC=-30mA, IB=0
-120
V
VCEsat
Collector-emitter saturation voltage
IC=-5A ,IB=-20mA
-2.0
V
VBE
Base-emitter on voltage
IC=-5A ; VCE=-4V
-2.5
V
BDV64
VCB=-60V, IE=0
VCB=-30V, IE=0;TC=150
-0.4
-2.0
BDV64A
VCB=-80V, IE=0
VCB=-40V, IE=0;TC=150
-0.4
-2.0
BDV64B
VCB=-100V, IE=0
VCB=-50V, IE=0;TC=150
-0.4
-2.0
ICBO
Collector
cut-off current
BDV64C
VCB=-120V, IE=0
VCB=-60V, IE=0;TC=150
-0.4
-2.0
mA
BDV64
VCE=-30V, IB=0
BDV64A
VCE=-40V, IB=0
BDV64B
VCE=-50V, IB=0
ICEO
Collector
cut-off current
BDV64C
VCE=-60V, IB=0
-2
mA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-5
mA
hFE
DC current gain
IC=-5A ; VCE=-4V
1000
VEC
Diode forward voltage
IE=-10A
-3.5
V
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal resistance junction to case
1.0
/W


Número de pieza similar - BDV64

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
BDV64 MOSPEC-BDV64 Datasheet
170Kb / 4P
   POWER TRANSISTORS(12A,125W)
logo
Power Innovations Ltd
BDV64 POINN-BDV64 Datasheet
120Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BDV64 TRSYS-BDV64 Datasheet
643Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDV64 BOURNS-BDV64 Datasheet
109Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Inchange Semiconductor ...
BDV64 ISC-BDV64 Datasheet
251Kb / 2P
   isc Silicon PNP Darlington Power Transistor
More results

Descripción similar - BDV64

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com