Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BDV67A Datasheet(PDF) 2 Page - Savantic, Inc.

No. de pieza BDV67A
Descripción Electrónicos  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAVANTIC [Savantic, Inc.]
Página de inicio  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

BDV67A Datasheet(HTML) 2 Page - Savantic, Inc.

  BDV67A Datasheet HTML 1Page - Savantic, Inc. BDV67A Datasheet HTML 2Page - Savantic, Inc. BDV67A Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BDV67/67A/67B/67C/67D
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BDV67
60
BDV67A
80
BDV67B
100
BDV67C
120
V(BR)CEO
Collector-emitter
breakdown voltage
BDV67D
IC=30mA, IB=0
150
V
VCEsat
Collector-emitter saturation voltage
IC=10A ,IB=40mA
2.0
V
VBE
Base-emitter on voltage
IC=10A ; VCE=3V
2.5
V
ICBO
Collector cut-off current
VCB=VCBOmax, IE=0
VCB=1/2VCBOmax; Tj=150
1.0
4.0
mA
ICEO
Collector cut-off current
VCE=1/2VCEOmax, IB=0
1
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
5
mA
hFE-1
DC current gain
IC=1A ; VCE=3V
3000
hFE-2
DC current gain
IC=10A ; VCE=3V
1000
hFE-3
DC current gain
IC=16A ; VCE=3V
1000
CC
Collector capacitance
IE=0 ; VCB=10V;f=1MHz
300
pF
VF
Diode forward voltage
IE=10A
3.0
V
ton
Turn-on time
1.0
µs
toff
Turn-off time
IC = 10 A, IB1 =-IB2=40 mA
VCC = 12V
3.5
µs
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-mb
Thermal resistance junction to mounting base
0.625
K/W


Número de pieza similar - BDV67A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
BDV67A MOSPEC-BDV67A Datasheet
102Kb / 3P
   POWER TRANSISTORS(16A,60-100V,125W)
logo
Comset Semiconductor
BDV67A COMSET-BDV67A Datasheet
241Kb / 5P
   NPN SILICON DARLINGTONS POWER TRANSISTORS
logo
Inchange Semiconductor ...
BDV67A ISC-BDV67A Datasheet
135Kb / 3P
   Silicon NPN Power Transistors
logo
Comset Semiconductor
BDV67A COMSET-BDV67A Datasheet
83Kb / 5P
   NPN SILICON DARLINGTONS POWER TRANSISTORS
logo
Savantic, Inc.
BDV67A SAVANTIC-BDV67A Datasheet
141Kb / 3P
   Silicon NPN Power Transistors
More results

Descripción similar - BDV67A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com