Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMRT283.312TKR Datasheet(PDF) 1 Page - Crane Aerospace & Electronics.

No. de pieza SMRT283.312TKR
Descripción Electrónicos  SMRT Single, Dual and Triple DC/DC Converters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CRANE [Crane Aerospace & Electronics.]
Página de inicio  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

SMRT283.312TKR Datasheet(HTML) 1 Page - Crane Aerospace & Electronics.

  SMRT283.312TKR Datasheet HTML 1Page - Crane Aerospace & Electronics. SMRT283.312TKR Datasheet HTML 2Page - Crane Aerospace & Electronics. SMRT283.312TKR Datasheet HTML 3Page - Crane Aerospace & Electronics. SMRT283.312TKR Datasheet HTML 4Page - Crane Aerospace & Electronics. SMRT283.312TKR Datasheet HTML 5Page - Crane Aerospace & Electronics. SMRT283.312TKR Datasheet HTML 6Page - Crane Aerospace & Electronics. SMRT283.312TKR Datasheet HTML 7Page - Crane Aerospace & Electronics. SMRT283.312TKR Datasheet HTML 8Page - Crane Aerospace & Electronics. SMRT283.312TKR Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
FEATURES
-55°C to +125°C operation
19 to 56 VDC input
80 V for 100 ms transient protection
Dual Magnetic feedback
• Topology – Two-Phase Flyback
Inhibit function and output trim
Indefinite short circuit protection
Radiation tolerant to
1 x 1012 protons/cm2 neutron or proton fluence
1011 rads(Si)/sec dose rate
3 x 105 rads(Si) total dose
SEU 60 MeV cm2/mg
Meets MIL-STD-704A emergency operation and tran-
sient standards
No minimum load required
5 port isolated design
Isolated synchronization input
Output trimmable up to +25% and -45% (see trim
instructions)
DESCRIPTION
The SMRT Series™ of DC/DC converters offers up to 35
watts of power in a radiation tolerant design. The low profile
SMRT converters are manufactured in Interpoint’s fully certified
and qualified MIL-STD-1772 production facility and packaged
in hermetically sealed steel cases. They are ideal for use in
programs requiring high reliability, small size, and high levels of
radiation hardening assurance.
The SMRT converters are switching regulators which use a two-
phase, phase shifted flyback design with a nominal switching
frequency of 300 kHz. Close regulation is maintained with
advanced constant frequency pulse width modulation design
techniques. The SMRT’s feed-forward compensation and
discontinuous topologies provide high levels (80 dB peak) of
input-to-output ripple rejection. A minimum load of 2% of full load
should be used on outputs at TID of 100k rads(Si) or greater to
ensure tight regulation over the full input range.
Two independent feedback loops are used to regulate the dual
and triple outputs, one feedback loop regulates the two-phased
single output. Each set of outputs is electrically isolated from
the other and from the input. Sets are defined as follows:
Two paralleled power trains supplying a single output; one
independent power train providing a single output; and one
independent power train providing two outputs (neg. output is
cross-regulated). This product configuration eliminates cross
regulation effects between output sets.
Configurations include:
• Single Output: One two-phased single output
• Dual Output: Two single phase single outputs
• Triple Output: One single phase independent Main output and one
single phase dual output. (± Auxiliary output).
UNDERVOLTAGE LOCKOUT
The converters have an undervoltage lockout that will allow
power conversion at 17 volts on a rising input voltage and a
conversion shut-down on a falling voltage at approximately 14.5
volts.
MODELS
VDC OUTPUT
SINGLE
3.3
5
12
15
DUAL
±5
±12
±15
TRIPLE
+3.3 & ±12
+3.3 & ±15
+5 & ±12
+5 & ±15
Crane Aerospace & Electronics Power Solutions
SMRT Single, Dual and Triple DC/DC Converters
Crane Aerospace & Electronics
Electronics Group (Interpoint Brand)
PO Box 97005 • Redmond WA 98073-9705
425.882.3100 • electronics@craneae.com
www.craneae.com
Page 1 of 17
Rev B – 20080213
28 VOLT INPUT – 35 WATT


Número de pieza similar - SMRT283.312TKR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Interpoint Corporation ...
SMRT283R312T INTERPOINT-SMRT283R312T Datasheet
800Kb / 19P
   Built in MIL-STD-461 EMI filter Output trim from 51% to 124% of nominal
SMRT283R312T/KR INTERPOINT-SMRT283R312T/KR Datasheet
1Mb / 44P
   SMRT Single, Dual and Triple Space DC-DC Converters
SMRT283R315T INTERPOINT-SMRT283R315T Datasheet
800Kb / 19P
   Built in MIL-STD-461 EMI filter Output trim from 51% to 124% of nominal
SMRT283R315T/KR INTERPOINT-SMRT283R315T/KR Datasheet
1Mb / 44P
   SMRT Single, Dual and Triple Space DC-DC Converters
SMRT283R3S INTERPOINT-SMRT283R3S Datasheet
800Kb / 19P
   Built in MIL-STD-461 EMI filter Output trim from 51% to 124% of nominal
More results

Descripción similar - SMRT283.312TKR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Interpoint Corporation ...
SMRT283R3S INTERPOINT-SMRT283R3S_16 Datasheet
1Mb / 44P
   SMRT Single, Dual and Triple Space DC-DC Converters
MHF283R3S INTERPOINT-MHF283R3S_14 Datasheet
383Kb / 23P
   MHF Single, Dual and Triple DC-DC Converters
MHV283R3S INTERPOINT-MHV283R3S_15 Datasheet
330Kb / 21P
   MHV Single, Dual and Triple DC-DC Converters
logo
Crane Aerospace & Elect...
MTR283R3S CRANE-MTR283R3S Datasheet
428Kb / 19P
   MTR Single, Dual and Triple DC/DC Converters
SMTR281R5SKR CRANE-SMTR281R5SKR Datasheet
1Mb / 21P
   SMTR Single, Dual and Triple DC/DC Converters
MHV283R3S CRANE-MHV283R3S Datasheet
294Kb / 14P
   MHV Single, Dual and Triple DC/DC Converters
MHF+283R3S CRANE-MHF+283R3S Datasheet
439Kb / 20P
   MHF Single, Dual and Triple DC/DC Converters
logo
Interpoint Corporation ...
MTR40 INTERPOINT-MTR40 Datasheet
376Kb / 26P
   MTR (40) Single, Dual and Triple DC-DC Converters
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
   Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
   SMFLHP Single and Dual DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com