Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HC4050 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD74HC4050
Descripción Electrónicos  High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4050 Datasheet(HTML) 4 Page - Texas Instruments

  CD74HC4050 Datasheet HTML 1Page - Texas Instruments CD74HC4050 Datasheet HTML 2Page - Texas Instruments CD74HC4050 Datasheet HTML 3Page - Texas Instruments CD74HC4050 Datasheet HTML 4Page - Texas Instruments CD74HC4050 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
–40oC TO
85oC
–55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay,
nA to nY HC4049
nA to nY HC4050
tPLH, tPHL
CL = 50pF
2
-
-
85
-
105
-
130
ns
4.5
-
-
17
-
21
-
26
ns
6
-
-
14
-
18
-
22
ns
CL = 15pF
5
-
6
-
-
-
-
-
ns
Transition Times (Figure 1)
tTLH, tTHL
CL = 50pF
2
-
-
75
-
95
-
110
ns
4.5
-
-
15
-
19
-
22
ns
6
-
-
13
-
16
-
19
ns
Input Capacitance
CI
-
-
-
-
10
-
10
-
10
pF
Power Dissipation Capacitance
(Notes 4, 5)
CPD
-5
-
35
-
-
-
-
-
pF
NOTES:
4. CPD is used to determine the dynamic power consumption, per gate.
5. PD = VCC
2 f
i (CPD + CL) where fi = Input Frequency, CL = Output Load Capacitance, VCC = Supply Voltage.
Test Circuit and Waveform
FIGURE 1. HC AND HCU TRANSITION TIMES AND PROPAGATION DELAY TIMES, COMBINATION LOGIC
tPHL
tPLH
tTHL
tTLH
90%
50%
10%
50%
10%
INVERTING
OUTPUT
INPUT
GND
VCC
tr = 6ns
tf = 6ns
90%
CD74HC4049, CD74HC4050


Número de pieza similar - CD74HC4050

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC4050 TI-CD74HC4050 Datasheet
331Kb / 7P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD74HC4050 TI-CD74HC4050 Datasheet
261Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD74HC4050 TI-CD74HC4050 Datasheet
291Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD74HC4050 TI1-CD74HC4050 Datasheet
645Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD74HC4050E TI-CD74HC4050E Datasheet
331Kb / 7P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
More results

Descripción similar - CD74HC4050

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD54HC4049 TI-CD54HC4049 Datasheet
331Kb / 7P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD54HC4049 TI1-CD54HC4049_18 Datasheet
645Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD54HC4049 TI-CD54HC4049_07 Datasheet
261Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD54HC4049 TI-CD54HC4049_08 Datasheet
291Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
logo
List of Unclassifed Man...
54HC4050 ETC-54HC4050 Datasheet
121Kb / 8P
   CMOS Logic Hex Non-Inverting Buffers
logo
Fairchild Semiconductor
CD4010C FAIRCHILD-CD4010C Datasheet
53Kb / 5P
   Hex Buffers (Non-Inverting)
logo
NXP Semiconductors
HEF4050B PHILIPS-HEF4050B Datasheet
31Kb / 4P
   HEX non-inverting buffers
January 1995
logo
Nexperia B.V. All right...
HEF4050B-Q100 NEXPERIA-HEF4050B-Q100 Datasheet
760Kb / 11P
   Hex non-inverting buffers
logo
NXP Semiconductors
HEF4050B NXP-HEF4050B Datasheet
72Kb / 11P
   Hex non-inverting buffers
Rev. 05-11 November 2008
logo
Nexperia B.V. All right...
HEF4050B NEXPERIA-HEF4050B Datasheet
724Kb / 12P
   Hex non-inverting buffers
Rev. 10 - 23 June 2016
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com