Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HC4050 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD74HC4050
Descripción Electrónicos  High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4050 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC4050 Datasheet HTML 1Page - Texas Instruments CD74HC4050 Datasheet HTML 2Page - Texas Instruments CD74HC4050 Datasheet HTML 3Page - Texas Instruments CD74HC4050 Datasheet HTML 4Page - Texas Instruments CD74HC4050 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS205A
Features
• Typical Propagation Delay: 6ns at VCC = 5V,
CL = 15pF, TA = 25
oC
• High-to-Low Voltage Level Converter for up to Vl = 16V
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . –55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30%of VCC at
VCC = 5V
Description
The CD74HC4049 and CD74HC4050 are fabricated with
high-speed silicon gate technology. They have a modified
input protection structure that enables these parts to be
used as logic level translators which convert high-level logic
to a low-level logic while operating off the low-level logic
supply. For example, 15-V input pulse levels can be down-
converted to 0-V to 5-V logic levels. The modified input
protection structure protects the input from negative
electrostatic discharge. These parts also can be used as
simple buffers or inverters without level translation. The
CD74HC4049 and CD74HC4050 are enhanced versions of
equivalent CMOS types.
Pinout
CD74HC4049, CD74HC4050
(PDIP, SOIC, TSSOP)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG.
NO.
CD74HC4049E
–55 to 125
16 Ld PDIP
E16.3
CD74HC4050E
–55 to 125
16 Ld PDIP
E16.3
CD74HC4049M
–55 to 125
16 Ld SOIC
M16.15
CD74HC4050M
–55 to 125
16 Ld SOIC
M16.15
CD74HC4050PW
–55 to 125
16 Ld TSSOP
NOTES:
1. When ordering, use the entire part number. Add the suffix 96 to
the M suffix or the R suffix to the PW package to obtain the
variant in the tape and reel.
2. Wafer and die is available which meets all electrical
specifications. Please contact your local sales office or
customer service for ordering information.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
VCC
1Y
1A
2Y
2A
3Y
GND
3A
NC
6A
NC
5Y
5A
4Y
4A
6Y
4049
4050
4050
4049
VCC
1Y
1A
2Y
2A
3Y
GND
3A
NC
6A
NC
5Y
5A
4Y
4A
6Y
February 1998 - Revised June 1999
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 1999 Texas Instruments Incorporated
CD74HC4049,
CD74HC4050
High-Speed CMOS Logic
Hex Buffers, Inverting and Non-Inverting
[ /Title
(CD74H
C4049,
CD74H
C4050)
/Sub-
ject
(High
Speed
CMOS
Logic
Hex


Número de pieza similar - CD74HC4050

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC4050 TI-CD74HC4050 Datasheet
331Kb / 7P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD74HC4050 TI-CD74HC4050 Datasheet
261Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD74HC4050 TI-CD74HC4050 Datasheet
291Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD74HC4050 TI1-CD74HC4050 Datasheet
645Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD74HC4050E TI-CD74HC4050E Datasheet
331Kb / 7P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
More results

Descripción similar - CD74HC4050

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD54HC4049 TI-CD54HC4049 Datasheet
331Kb / 7P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD54HC4049 TI1-CD54HC4049_18 Datasheet
645Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD54HC4049 TI-CD54HC4049_07 Datasheet
261Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD54HC4049 TI-CD54HC4049_08 Datasheet
291Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
logo
List of Unclassifed Man...
54HC4050 ETC-54HC4050 Datasheet
121Kb / 8P
   CMOS Logic Hex Non-Inverting Buffers
logo
Fairchild Semiconductor
CD4010C FAIRCHILD-CD4010C Datasheet
53Kb / 5P
   Hex Buffers (Non-Inverting)
logo
NXP Semiconductors
HEF4050B PHILIPS-HEF4050B Datasheet
31Kb / 4P
   HEX non-inverting buffers
January 1995
logo
Nexperia B.V. All right...
HEF4050B-Q100 NEXPERIA-HEF4050B-Q100 Datasheet
760Kb / 11P
   Hex non-inverting buffers
logo
NXP Semiconductors
HEF4050B NXP-HEF4050B Datasheet
72Kb / 11P
   Hex non-inverting buffers
Rev. 05-11 November 2008
logo
Nexperia B.V. All right...
HEF4050B NEXPERIA-HEF4050B Datasheet
724Kb / 12P
   Hex non-inverting buffers
Rev. 10 - 23 June 2016
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com