Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HC4059 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD74HC4059
Descripción Electrónicos  High-Speed CMOS Logic CMOS Programmable Divide-by-N Counter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4059 Datasheet(HTML) 5 Page - Texas Instruments

  CD74HC4059 Datasheet HTML 1Page - Texas Instruments CD74HC4059 Datasheet HTML 2Page - Texas Instruments CD74HC4059 Datasheet HTML 3Page - Texas Instruments CD74HC4059 Datasheet HTML 4Page - Texas Instruments CD74HC4059 Datasheet HTML 5Page - Texas Instruments CD74HC4059 Datasheet HTML 6Page - Texas Instruments CD74HC4059 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Prerequisite for Switching Specifications
PARAMETER
SYMBOL
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Pulse Width CP
tW
2
90
-
-
115
-
-
135
-
-
ns
4.5
18
-
-
23
-
-
27
-
-
ns
615
-
-
20
-
-
23
-
-
ns
Setup Time
Kb, Kc to CP
tSU
2
75
-
-
95
-
-
110
-
-
ns
4.5
15
-
-
19
-
-
22
-
-
ns
613
-
-
16
-
-
19
-
-
ns
CP Frequency
fMAX
2
5
-
-
4
-
-
4
-
-
MHz
4.5
27
-
-
22
-
-
18
-
-
MHz
6
32
-
-
26
-
-
21
-
-
MHz
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
Propagation Delay,
CP to Q
tPLH, tPHL
CL = 50pF
2
-
-
200
-
250
-
300
ns
4.5
-
-
40
-
50
-
60
ns
6
-
-
34
-
43
-
51
ns
CL = 15pF
5
-
17
-
----
ns
Propagation Delay,
LE to Q
tPLH, tPHL
CL = 50pF
2
-
-
175
-
220
-
265
ns
4.5
-
-
35
-
44
-
53
ns
6
-
-
30
-
37
-
45
ns
CL = 15pF
5
-
14
-
----
ns
Output Transition Time
tTHL, tTLH
CL = 50pF
2
-
-
75
-
95
-
110
ns
4.5
-
-
15
-
19
-
22
ns
6
-
-
13
-
16
-
19
ns
CP Frequency
fMAX
CL = 15pF
5
-
54
-
----
MHz
Input Capacitance
CI
-
-
-
-
10
-
10
-
10
pF
Power Dissipation Capacitance
(Notes 6, 7)
CPD
-
5
-
36
-
----
pF
NOTES:
6. CPD is used to determine the dynamic power consumption, per package.
7. PD =CPD VCC
2 f
i + Σ CL VCC
2 f
o where fi = input frequency, fo = output frequency, CL = output load capacitance, VCC = supply voltage.
CD74HC4059
CD74HC4059


Número de pieza similar - CD74HC4059

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC4059 TI-CD74HC4059 Datasheet
352Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic CMOS Programmable Divide-by-N Counter
CD74HC4059 TI-CD74HC4059 Datasheet
381Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic CMOS Programmable Divide-by-N Counter
CD74HC4059E TI-CD74HC4059E Datasheet
209Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic CMOS Programmable Divide-by-N Counter
CD74HC4059E TI-CD74HC4059E Datasheet
352Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic CMOS Programmable Divide-by-N Counter
CD74HC4059E TI-CD74HC4059E Datasheet
381Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic CMOS Programmable Divide-by-N Counter
More results

Descripción similar - CD74HC4059

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD54HC4059 TI-CD54HC4059 Datasheet
209Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic CMOS Programmable Divide-by-N Counter
CD54HC4059 TI-CD54HC4059_08 Datasheet
381Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic CMOS Programmable Divide-by-N Counter
CD54HC4059 TI-CD54HC4059_07 Datasheet
352Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic CMOS Programmable Divide-by-N Counter
CD4059A TI1-CD4059A Datasheet
588Kb / 16P
[Old version datasheet]   CMOS PROGRAMMABLE DIVIDE-BY-N COUNTER
CD4059AE TI1-CD4059AE Datasheet
533Kb / 14P
[Old version datasheet]   CMOS Programmable Divide-by-N Counter
CD4059A TI1-CD4059A_15 Datasheet
520Kb / 13P
[Old version datasheet]   CMOS Programmable Divide-by-N Counter
CD4059A TI-CD4059A Datasheet
394Kb / 9P
[Old version datasheet]   CMOS PROGRAMMABLE DIVIDE-BY-N COUNTER
CD4522BE TI1-CD4522BE Datasheet
527Kb / 15P
[Old version datasheet]   CMOS Programmable BCD Divide-by-N Counter
CD4018B TI1-CD4018B_15 Datasheet
980Kb / 17P
[Old version datasheet]   CMOS Presettable Divide-by -N counter
logo
Intersil Corporation
CD4018BMS INTERSIL-CD4018BMS Datasheet
85Kb / 9P
   CMOS Presettable Divide-By- “N” Counter
November 1994
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com