Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HC4059 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD74HC4059
Descripción Electrónicos  High-Speed CMOS Logic CMOS Programmable Divide-by-N Counter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4059 Datasheet(HTML) 6 Page - Texas Instruments

  CD74HC4059 Datasheet HTML 1Page - Texas Instruments CD74HC4059 Datasheet HTML 2Page - Texas Instruments CD74HC4059 Datasheet HTML 3Page - Texas Instruments CD74HC4059 Datasheet HTML 4Page - Texas Instruments CD74HC4059 Datasheet HTML 5Page - Texas Instruments CD74HC4059 Datasheet HTML 6Page - Texas Instruments CD74HC4059 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Test Circuits and Waveforms
NOTE: Outputs should be switching from 10% VCC to 90% VCC in
accordance with device truth table. For fMAX, input duty cycle = 50%.
FIGURE 2. HC CLOCK PULSE RISE AND FALL TIMES AND
PULSE WIDTH
FIGURE 3. HC TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
FIGURE 4. HC SETUP TIMES, HOLD TIMES, REMOVAL
TIME, AND PROPAGATION DELAY TIMES FOR EDGE
TRIGGERED SEQUENTIAL LOGIC CIRCUITS
CLOCK
90%
50%
10%
GND
VCC
trCL
tfCL
50%
50%
tWL
tWH
10%
tWL + tWH =
fCL
I
tPHL
tPLH
tTHL
tTLH
90%
50%
10%
50%
10%
INVERTING
OUTPUT
INPUT
GND
VCC
tr = 6ns
tf = 6ns
90%
trCL
tfCL
GND
VCC
GND
VCC
50%
90%
10%
GND
CLOCK
INPUT
DATA
INPUT
OUTPUT
SET, RESET
OR PRESET
VCC
50%
50%
90%
10%
50%
90%
tREM
tPLH
tSU(H)
tTLH
tTHL
tH(L)
tPHL
IC
CL
50pF
tSU(L)
tH(H)
CD74HC4059
CD74HC4059


Número de pieza similar - CD74HC4059

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC4059 TI-CD74HC4059 Datasheet
352Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic CMOS Programmable Divide-by-N Counter
CD74HC4059 TI-CD74HC4059 Datasheet
381Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic CMOS Programmable Divide-by-N Counter
CD74HC4059E TI-CD74HC4059E Datasheet
209Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic CMOS Programmable Divide-by-N Counter
CD74HC4059E TI-CD74HC4059E Datasheet
352Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic CMOS Programmable Divide-by-N Counter
CD74HC4059E TI-CD74HC4059E Datasheet
381Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic CMOS Programmable Divide-by-N Counter
More results

Descripción similar - CD74HC4059

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD54HC4059 TI-CD54HC4059 Datasheet
209Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic CMOS Programmable Divide-by-N Counter
CD54HC4059 TI-CD54HC4059_08 Datasheet
381Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic CMOS Programmable Divide-by-N Counter
CD54HC4059 TI-CD54HC4059_07 Datasheet
352Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic CMOS Programmable Divide-by-N Counter
CD4059A TI1-CD4059A Datasheet
588Kb / 16P
[Old version datasheet]   CMOS PROGRAMMABLE DIVIDE-BY-N COUNTER
CD4059AE TI1-CD4059AE Datasheet
533Kb / 14P
[Old version datasheet]   CMOS Programmable Divide-by-N Counter
CD4059A TI1-CD4059A_15 Datasheet
520Kb / 13P
[Old version datasheet]   CMOS Programmable Divide-by-N Counter
CD4059A TI-CD4059A Datasheet
394Kb / 9P
[Old version datasheet]   CMOS PROGRAMMABLE DIVIDE-BY-N COUNTER
CD4522BE TI1-CD4522BE Datasheet
527Kb / 15P
[Old version datasheet]   CMOS Programmable BCD Divide-by-N Counter
CD4018B TI1-CD4018B_15 Datasheet
980Kb / 17P
[Old version datasheet]   CMOS Presettable Divide-by -N counter
logo
Intersil Corporation
CD4018BMS INTERSIL-CD4018BMS Datasheet
85Kb / 9P
   CMOS Presettable Divide-By- “N” Counter
November 1994
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com