Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HC42 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD74HC42
Descripción Electrónicos  High Speed CMOS Logic BCD To Decimal Decoder 1 of 10
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74HC42 Datasheet(HTML) 5 Page - Texas Instruments

  CD74HC42 Datasheet HTML 1Page - Texas Instruments CD74HC42 Datasheet HTML 2Page - Texas Instruments CD74HC42 Datasheet HTML 3Page - Texas Instruments CD74HC42 Datasheet HTML 4Page - Texas Instruments CD74HC42 Datasheet HTML 5Page - Texas Instruments CD74HC42 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Power Dissipation Capacitance
(Notes 4, 5)
CPD
-5
-
65
-
-
-
-
-
pF
HCT TYPES
Propagation Delay,
Input to Y (Figure 2)
tPLH, tPHL
CL = 50pF
4.5
-
-
35
-
44
-
53
ns
Any Input to YtPLH, tPHL
CL = 15pF
5
-
14
-
-
-
-
-
ns
Output Transition Time
(Figure 2)
tTLH, tTHL
CL = 50pF
4.5
-
-
15
-
19
-
22
ns
Input Capacitance
CIN
-
-
-
-
10
-
10
-
10
pF
Power Dissipation Capacitance
(Notes 4, 5)
CPD
-5
-
70
-
-
-
-
-
pF
NOTES:
4. CPD is used to determine the dynamic power consumption, per package.
5. PD = VCC
2 f
i (CPD + CL) where: fi = Input Frequency, CL = Output Load Capacitance, VCC = Supply Voltage.
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
Test Circuits and Waveforms
FIGURE 4. HC AND HCU TRANSITION TIMES AND PROPAGA-
TION DELAY TIMES, COMBINATION LOGIC
FIGURE 5. HCT TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
tPHL
tPLH
tTHL
tTLH
90%
50%
10%
50%
10%
INVERTING
OUTPUT
INPUT
GND
VCC
tr = 6ns
tf = 6ns
90%
tPHL
tPLH
tTHL
tTLH
2.7V
1.3V
0.3V
1.3V
10%
INVERTING
OUTPUT
INPUT
GND
3V
tr = 6ns
tf = 6ns
90%
CD74HC42, CD74HCT42


Número de pieza similar - CD74HC42

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC42 TI-CD74HC42 Datasheet
261Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic BCD-to-Decimal Decoders
CD74HC42 TI-CD74HC42 Datasheet
263Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic BCD-to-Decimal Decoders (1 of 10)
CD74HC423 TI-CD74HC423 Datasheet
56Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
CD74HC423 TI-CD74HC423 Datasheet
363Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
logo
Harris Corporation
CD74HC423 HARRIS-CD74HC423 Datasheet
33Kb / 7P
   High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
More results

Descripción similar - CD74HC42

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HCT42EE4 TI-CD74HCT42EE4 Datasheet
263Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic BCD-to-Decimal Decoders (1 of 10)
logo
NXP Semiconductors
74HC_HCT42_CNV PHILIPS-74HC_HCT42_CNV_15 Datasheet
46Kb / 6P
   BCD to decimal decoder (1-of-10)
December 1990
74HC42 PHILIPS-74HC42 Datasheet
41Kb / 6P
   BCD to decimal decoder 1-of-10
December 1990
logo
Nexperia B.V. All right...
74HC42 NEXPERIA-74HC42 Datasheet
979Kb / 12P
   BCD to decimal decoder (1-of-10)
Rev. 3 - 27 September 2016
logo
Intersil Corporation
CD4028BMS INTERSIL-CD4028BMS Datasheet
93Kb / 10P
   CMOS BCD-To-Decimal Decoder
December 1992
logo
Renesas Technology Corp
CD4028BMS RENESAS-CD4028BMS Datasheet
417Kb / 10P
   CMOS BCD-To-Decimal Decoder
December 1992
logo
Texas Instruments
CD54HC42 TI-CD54HC42 Datasheet
261Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic BCD-to-Decimal Decoders
logo
Fairchild Semiconductor
CD4028BC FAIRCHILD-CD4028BC Datasheet
53Kb / 6P
   BCD-to-Decimal Decoder
logo
Toshiba Semiconductor
TC4028BP TOSHIBA-TC4028BP Datasheet
223Kb / 5P
   BCD - TO -DECIMAL DECODER
logo
Hitachi Semiconductor
HD74LS42 HITACHI-HD74LS42 Datasheet
61Kb / 6P
   BCD-to-Decimal Decoder
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com