Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD74HC4075PW Datasheet(PDF) 5 Page - Texas Instruments |
|
|
CD74HC4075PW Datasheet(HTML) 5 Page - Texas Instruments |
5 / 15 page 5 HCT TYPES High Level Input Voltage VIH - - 4.5 to 5.5 2- - 2 - 2 - V Low Level Input Voltage VIL - - 4.5 to 5.5 - - 0.8 - 0.8 - 0.8 V High Level Output Voltage CMOS Loads VOH VIH or VIL -0.02 4.5 4.4 - - 4.4 - 4.4 - V High Level Output Voltage TTL Loads -4 4.5 3.98 - - 3.84 - 3.7 - V Low Level Output Voltage CMOS Loads VOL VIH or VIL 0.02 4.5 - - 0.1 - 0.1 - 0.1 V Low Level Output Voltage TTL Loads 4 4.5 - - 0.26 - 0.33 - 0.4 V Input Leakage Current II VCC and GND 0 5.5 - ±0.1 - ±1- ±1 µA Quiescent Device Current ICC VCC or GND 0 5.5 - - 2 - 20 - 40 µA Additional Quiescent Device Current Per Input Pin: 1 Unit Load ∆ICC (Note 2) VCC -2.1 - 4.5 to 5.5 - 100 360 - 450 - 490 µA NOTE: 2. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA. DC Electrical Specifications (Continued) PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS VI (V) IO (mA) MIN TYP MAX MIN MAX MIN MAX HCT Input Loading Table INPUT UNIT LOADS All 1.6 NOTE: Unit Load is ∆ICC limit specified in DC Electrical Table, e.g. 360 µA max at 25oC. Switching Specifications Input tr, tf = 6ns PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS MIN TYP MAX MIN MAX MIN MAX HC TYPES Propagation Delay, Input to Output (Figure 1) tPLH, tPHL CL = 50pF 2 - - 100 - 125 - 150 ns 4.5 - - 20 - 25 - 30 ns 6 - - 17 - 21 - 26 ns CL = 15pF 5 - 8 - - - - - ns Transition Times (Figure 1) tTLH, tTHL CL = 50pF 2 - - 75 - 95 - 110 ns 4.5 - - 15 - 19 - 22 ns 6 - - 13 - 16 - 19 ns Input Capacitance CIN - - - - 10 - 10 - 10 pF CD54HC4075, CD74HC4075, CD54HCT4075, CD74HCT4075 |
Número de pieza similar - CD74HC4075PW |
|
Descripción similar - CD74HC4075PW |