Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HC4075PWRE4 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza CD74HC4075PWRE4
Descripción Electrónicos  High Speed CMOS Logic Triple 3-Input OR Gate
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4075PWRE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD74HC4075PWRE4 Datasheet HTML 4Page - Texas Instruments CD74HC4075PWRE4 Datasheet HTML 5Page - Texas Instruments CD74HC4075PWRE4 Datasheet HTML 6Page - Texas Instruments CD74HC4075PWRE4 Datasheet HTML 7Page - Texas Instruments CD74HC4075PWRE4 Datasheet HTML 8Page - Texas Instruments CD74HC4075PWRE4 Datasheet HTML 9Page - Texas Instruments CD74HC4075PWRE4 Datasheet HTML 10Page - Texas Instruments CD74HC4075PWRE4 Datasheet HTML 11Page - Texas Instruments CD74HC4075PWRE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
6-Dec-2006
Addendum-Page 2


Número de pieza similar - CD74HC4075PWRE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC4075PWRE4 TI-CD74HC4075PWRE4 Datasheet
533Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input OR Gate
CD74HC4075PWRE4 TI-CD74HC4075PWRE4 Datasheet
562Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input OR Gate
More results

Descripción similar - CD74HC4075PWRE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC4075NSR TI-CD74HC4075NSR Datasheet
349Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input OR Gate
CD54HC4075 TI-CD54HC4075_07 Datasheet
533Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input OR Gate
CD54HC4075 TI-CD54HC4075_08 Datasheet
562Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input OR Gate
CD5474HC11 TI-CD5474HC11 Datasheet
33Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Triple 3-Input AND Gate
CD54HC10 TI-CD54HC10 Datasheet
265Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NAND Gate
CD54HC27 TI-CD54HC27 Datasheet
265Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NOR Gate
CD54HC27 TI-CD54HC27_06 Datasheet
261Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NOR Gate
CD54HC27 TI1-CD54HC27_14 Datasheet
612Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NOR Gate
CD74HC27 TI-CD74HC27 Datasheet
43Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Triple 3-Input NOR Gate
CD54HC11 TI-CD54HC11_08 Datasheet
440Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input AND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com