Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC2275 Datasheet(PDF) 3 Page - Savantic, Inc.

No. de pieza 2SC2275
Descripción Electrónicos  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAVANTIC [Savantic, Inc.]
Página de inicio  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SC2275 Datasheet(HTML) 3 Page - Savantic, Inc.

  2SC2275 Datasheet HTML 1Page - Savantic, Inc. 2SC2275 Datasheet HTML 2Page - Savantic, Inc. 2SC2275 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SavantIC Semiconductor
Product Specification
3
Silicon NPN Power Transistors
2SC2275 2SC2275A
PACKAGE OUTLINE
Fig.2 Outline dimensions(unindicated tolerance:±0.10 mm)


Número de pieza similar - 2SC2275

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wing Shing Computer Com...
2SC2275 WINGS-2SC2275 Datasheet
70Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
logo
List of Unclassifed Man...
2SC2275 ETC-2SC2275 Datasheet
88Kb / 1P
   PNP/NPN SILICON EPITAXIAL TRANSISTOR
logo
Quanzhou Jinmei Electro...
2SC2275 JMNIC-2SC2275 Datasheet
162Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC2275 ISC-2SC2275 Datasheet
138Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2275 SAVANTIC-2SC2275 Datasheet
96Kb / 3P
   Silicon NPN Power Transistors
More results

Descripción similar - 2SC2275

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com