Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD74HCT7046AMTE4 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza CD74HCT7046AMTE4
Descripción Electrónicos  Phase-Locked Loop with VCO and Lock Detector
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT7046AMTE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD74HCT7046AMTE4 Datasheet HTML 3Page - Texas Instruments CD74HCT7046AMTE4 Datasheet HTML 4Page - Texas Instruments CD74HCT7046AMTE4 Datasheet HTML 5Page - Texas Instruments CD74HCT7046AMTE4 Datasheet HTML 6Page - Texas Instruments CD74HCT7046AMTE4 Datasheet HTML 7Page - Texas Instruments CD74HCT7046AMTE4 Datasheet HTML 8Page - Texas Instruments CD74HCT7046AMTE4 Datasheet HTML 9Page - Texas Instruments CD74HCT7046AMTE4 Datasheet HTML 10Page - Texas Instruments CD74HCT7046AMTE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 7V
DC Input Diode Current, IIK
For VI < -0.5V or VI > VCC + 0.5V . . . . . . . . . . . . . . . . . . . . . .±20mA
DC Output Diode Current, IOK
For VO < -0.5V or VO > VCC + 0.5V . . . . . . . . . . . . . . . . . . . .±20mA
DC Output Source or Sink Current per Output Pin, IO
For VO > -0.5V or VO < VCC + 0.5V . . . . . . . . . . . . . . . . . . . .±25mA
DC VCC or Ground Current, ICC . . . . . . . . . . . . . . . . . . . . . . . . .±50mA
Operating Conditions
Temperature Range, TA . . . . . . . . . . . . . . . . . . . . . . -55
oC to 125oC
Supply Voltage Range, VCC
HC Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2V to 6V
HCT Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4.5V to 5.5V
DC Input or Output Voltage, VI, VO . . . . . . . . . . . . . . . . . 0V to VCC
Input Rise and Fall Time
2V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000ns (Max)
4.5V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500ns (Max)
6V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 400ns (Max)
Thermal Resistance (Typical, Note 1)
θJA (oC/W)
E (PDIP) Package . . . . . . . . . . . . . . . . . . . . . . . . . .
67
M (SOIC) Package. . . . . . . . . . . . . . . . . . . . . . . . . .
73
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. The package thermal impedance is calculated in accordance with JESD 51-7.
DC Electrical Specifications
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC -55oC TO 125oC
UNITS
VI (V)
IO (mA)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
VCO SECTION
INH High Level Input
Voltage
VIH
-
-
3
2.1
-
-
2.1
-
2.1
-
V
4.5
3.15
-
-
3.15
-
3.15
-
V
6
4.2
-
-
4.2
-
4.2
-
V
INH Low Level Input
Voltage
VIL
-
-
3
-
-
0.9
-
0.9
-
0.9
V
4.5
-
-
1.35
-
1.35
-
1.35
V
6
-
-
1.8
-
1.8
-
1.8
V
VCOOUT High Level
Output Voltage
CMOS Loads
VOH
VIH or VIL
-0.02
3
2.9
-
-
2.9
-
2.9
-
V
-0.02
4.5
4.4
-
-
4.4
-
4.4
-
V
-0.02
6
5.9
-
-
5.9
-
5.9
-
V
VCOOUT High Level
Output Voltage
TTL Loads
-
-
---
-
-
-
-
V
-4
4.5
3.98
-
-
3.84
-
3.7
-
V
-5.2
6
5.48
-
-
5.34
-
5.2
-
V
VCOOUT Low Level
Output Voltage
CMOS Loads
VOL
VIH or VIL
0.02
2
-
-
0.1
-
0.1
-
0.1
V
0.02
4.5
-
-
0.1
-
0.1
-
0.1
V
0.02
6
-
-
0.1
-
0.1
-
0.1
V
VCOOUT Low Level
Output Voltage
TTL Loads
-
-
---
-
-
-
-
V
4
4.5
-
-
0.26
-
0.33
-
0.4
V
5.2
6
-
-
0.26
-
0.33
-
0.4
V
C1A, C1B Low Level
Output Voltage
(Test Purposes Only)
VOL
VIL or
VOL
4
4.5
-
-
0.40
-
0.47
-
0.54
V
5.2
6
-
-
0.40
-
0.47
-
0.54
V
CD74HC7046A, CD74HCT7046A


Número de pieza similar - CD74HCT7046AMTE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HCT7046AMTE4 TI-CD74HCT7046AMTE4 Datasheet
446Kb / 28P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
More results

Descripción similar - CD74HCT7046AMTE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD74HC7046A TI-CD74HC7046A_07 Datasheet
446Kb / 28P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
CD74HC7046A TI-CD74HC7046A_08 Datasheet
586Kb / 29P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
logo
Unisonic Technologies
U74HCT7046 UTC-U74HCT7046 Datasheet
408Kb / 16P
   PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
U74HCT7046 UTC-U74HCT7046_15 Datasheet
408Kb / 16P
   PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
logo
NXP Semiconductors
74HC7046A PHILIPS-74HC7046A Datasheet
490Kb / 38P
   Phase-locked-loop with lock detector
December 1990
74HC7046AN NXP-74HC7046AN Datasheet
453Kb / 38P
   Phase-locked-loop with lock detector
December 1990
logo
Unisonic Technologies
U74HC4046A UTC-U74HC4046A Datasheet
558Kb / 19P
   PHASE LOCKED LOOP WITH VCO
U74HC4046A UTC-U74HC4046A_15 Datasheet
558Kb / 19P
   PHASE LOCKED LOOP WITH VCO
logo
Nexperia B.V. All right...
74HC4046A-Q100 NEXPERIA-74HC4046A-Q100 Datasheet
598Kb / 32P
   Phase-locked loop with VCO
Rev. 1 - 27 November 2019
logo
Unisonic Technologies
U74HC4046A UTC-U74HC4046A_18 Datasheet
610Kb / 19P
   PHASE LOCKED LOOP WITH VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com