Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

2N6306 Datasheet(PDF) 2 Page - Savantic, Inc.

No. de Pieza. 2N6306
Descripción  Silicon NPN Power Transistors
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAVANTIC [Savantic, Inc.]
Página de inicio  http://www.svntc.com
Logo 

2N6306 Datasheet(HTML) 2 Page - Savantic, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2N6306
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=0.1A ; IB=0
250
V
VCEsat-1
Collector-emitter saturation voltage
IC=3A; IB=0.6A
0.8
V
VCEsat-2
Collector-emitter saturation voltage
IC=8A; IB=2A
5.0
V
VBEsat
Base-emitter saturation voltage
IC=8A; IB=2A
2.3
V
VBE
Base-emitter on voltage
IC=3A ; VCE=5V
1.3
V
ICEV
Collector cut-off current
VCE=500V; VBE=-1.5V
0.5
mA
ICEO
Collector cut-off current
VCE=250V; IB=0
0.5
mA
IEBO
Emitter cut-off current
VEB=8V; IC=0
1.0
mA
hFE-1
DC current gain
IC=3A ; VCE=5V
15
75
hFE -2
DC current gain
IC=8A ; VCE=5V
4
COB
Output capacitance
IE=0 ; VCB=10V;f=1MHz
250
pF
fT
Transition frequency
IC=0.3A ; VCE=10V;f=1MHz
5
MHz
Switching times
tr
Rise time
0.6
µs
ts
Storage time
1.6
µs
tf
Fall time
VCC=125V; IC=3.0A; IB=0.6A
0.4
µs


Html Pages

1  2  3 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn