Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


CDC924DL Datasheet(Hoja de datos) 5 Page - Texas Instruments

No. de Pieza. CDC924DL
Descripción  133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
Descarga  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

 
 5 page
background image
CDC924
133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
WITH 3-STATE OUTPUTS
SCAS607A – NOVEMBER 1998 – REVISED MAY 1999
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
2*REF
14.318 MHz
(2,3)
SEL133/100
PWR_DOWN
PCI_STOP
SPREAD
XOUT
XIN
SEL1
SEL0
Control
Logic
28
33
32
3–State
Test
48–MHz Inactive
SEL133/100
Xtal
Oscillator
6
5
48 MHz
PLL
CPU
PLL
Spread
Logic
/2
/2
34
37
36
35
1*48MHz
48 MHz
(30)
3*APIC
16.67 MHz
(53, 54, 55)
1*PCI_F
33 MHz
(8)
7*PCI
33 MHz
(9,11,12,14,
15,17,18)
4*AGP (3V66)
66 MHz
(21,22,25,26)
2*CPU_DIV2
50/66 MHz
(49,50)
4*CPU
100/133 MHz
(41,42,45,46)
/3
/4
STOP
STOP
CPU_STOP
/3
/4
/2
STOP




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
CDC921133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
CDC922133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
CDC925133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
CDC930133-MHz DIFFERENTIAL CLOCK SYNTHESIZER / DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
CDC3911-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY AND 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
PCK3511:10 clock distribution device with 3-State outputs 1 2 3 4 5 MoreNXP Semiconductors
CDC5363.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
CDC3921-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY AND 3-STATE OUTPUTS 1 Texas Instruments
CDC9841PC MOTHERBOARD CLOCK SYNTHESIZER/DRIVER WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
CDC5863.3-V PHASE-LOCK-LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl