Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


2SC3212 Datasheet(Hoja de datos) 1 Page - Savantic, Inc.

No. de Pieza. 2SC3212
Descripción  Silicon NPN Power Transistors
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAVANTIC [Savantic, Inc.]
Página de inicio  http://www.svntc.com
Logo 

   
 1 page
background image
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3212 2SC3212A
DESCRIPTION
·With TO-3PFa package
·Low collector saturation voltage
·High VCBO
·High speed switching
APPLICATIONS
·For high speed switching applications
PINNING
PIN
DESCRIPTION
1
Base
2
Collector
3
Emitter
Absolute maximum ratings(Ta=25 )
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
2SC3212
800
VCBO
Collector-base voltage
2SC3212A
Open emitter
900
V
VCEO
Collector-emitter voltage
Open base
500
V
VEBO
Emitter-base voltage
Open collector
8
V
IC
Collector current
7
A
ICM
Collector current-peak
15
A
IB
Base current
4
A
TC=25
100
PC
Collector power dissipation
Ta=25
3
W
Tj
Junction temperature
150
Tstg
Storage temperature
-55~150




Html Pages

1  2  3 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
2SC4688Silicon NPN Power Transistors 1 2 3 4 Inchange Semiconductor Company Limited
BDT41Fisc Silicon NPN Power Transistors 1 2 Inchange Semiconductor Company Limited

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl