Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


2SC3258 Datasheet(Hoja de datos) 2 Page - Savantic, Inc.

No. de Pieza. 2SC3258
Descripción  Silicon NPN Power Transistors
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAVANTIC [Savantic, Inc.]
Página de inicio  http://www.svntc.com
Logo 

   
 2 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2SC3258
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector -emitter breakdown voltage
IC=10mA ,IB=0
80
V
VCEsat
Collector-emitter saturation voltage
IC=3A; IB=0.15A
0.4
V
VBEsat
Base-emitter saturation voltage
IC=3A; IB=0.15A
1.2
V
ICBO
Collector cut-off current
VCB=100V; IE=0
1
µA
IEBO
Emitter cut-off current
VEB=7V; IC=0
1
µA
hFE-1
DC current gain
IC=1A ; VCE=1V
70
240
hFE-2
DC current gain
IC=3A ; VCE=1V
40
Cob
Output capacitance
IE=0 ; VCB=10V;f=1MHz
80
pF
fT
Transition frequency
IC=1A ; VCE=4V
120
MHz
Switching times
ton
Turn-on time
0.2
µs
ts
Storage time
1.0
µs
tf
Fall time
IC=3.0A IB1=- IB2=0.15A
RL=10A;VCCB30V
0.1
µs
hFE-1 Classifications
O
Y
70-140
120-240




Html Pages

1  2  3  4 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
TIP29Cisc Silicon NPN Power Transistors 1 2 Inchange Semiconductor Company Limited
MJE5180isc Silicon NPN Power Transistors 1 2 Inchange Semiconductor Company Limited
BUX16isc Silicon NPN Power Transistors 1 2 Inchange Semiconductor Company Limited

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl