Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

2SC5439 Datasheet(PDF) 1 Page - Savantic, Inc.

No. de Pieza. 2SC5439
Descripción  Silicon NPN Power Transistors
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SAVANTIC [Savantic, Inc.]
Página de inicio  http://www.svntc.com
Logo 

2SC5439 Datasheet(HTML) 1 Page - Savantic, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC5439
DESCRIPTION
·With TO-220F package
·High collector breakdown voltage
·Excellent switching times
APPLICATIONS
·Switching regulator applications
·High voltage switching applications
·DC-DC converter applications
·Inverter lighting applications
PINNING
PIN
DESCRIPTION
1
Base
2
Collector
3
Emitter
Absolute maximum ratings (Ta=25 )
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
1000
V
VCEO
Collector-emitter voltage
Open base
450
V
VEBO
Emitter-base voltage
Open collector
9
V
IC
Collector current
8
A
ICM
Collector current-peak
16
A
IB
Base current
1
A
Ta=25
2
PC
Collector power dissipation
TC=25
30
W
Tj
Junction temperature
150
Tstg
Storage temperature
-55~150
Fig.1 simplified outline (TO-220F) and symbol


Html Pages

1  2  3  4 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
TIP29Cisc Silicon NPN Power Transistors 1 2 Inchange Semiconductor Company Limited
MJE5180isc Silicon NPN Power Transistors 1 2 Inchange Semiconductor Company Limited
BUX16isc Silicon NPN Power Transistors 1 2 Inchange Semiconductor Company Limited

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn